Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS2007 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS2007
Description  3 W filter-free Class D audio power amplifer with 6-12 dB fixed gain select
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007 Datasheet(HTML) 3 Page - STMicroelectronics

  TS2007_11 Datasheet HTML 1Page - STMicroelectronics TS2007_11 Datasheet HTML 2Page - STMicroelectronics TS2007_11 Datasheet HTML 3Page - STMicroelectronics TS2007_11 Datasheet HTML 4Page - STMicroelectronics TS2007_11 Datasheet HTML 5Page - STMicroelectronics TS2007_11 Datasheet HTML 6Page - STMicroelectronics TS2007_11 Datasheet HTML 7Page - STMicroelectronics TS2007_11 Datasheet HTML 8Page - STMicroelectronics TS2007_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TS2007
Absolute maximum ratings and operating conditions
Doc ID 13123 Rev 4
3/29
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values are measured with respect to the ground pin.
6V
Vi
Input voltage (2)
2.
The magnitude of the input signal must never exceed VCC + 0.3 V / GND - 0.3 V.
GND to VCC
V
Toper
Operating free air temperature range
-40 to + 85
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient (3)
3.
The device is protected in case of over temperature by a thermal shutdown active @ 150 °C.
200
°C/W
Pd
Power dissipation
Internally limited(4)
4.
Exceeding the power derating curves during a long period will cause abnormal operation.
ESD
HBM: human body model
2
kV
ESD
MM: machine model
200
V
Latch-up
Latch-up immunity
Class A
Lead temperature (soldering, 10 sec)
260
°C
RL
Minimum load resistor
3.2
Ω
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.4 to 5.5
V
VI
Input voltage range
GND to VCC
V
Vic
Input common mode voltage(1)
1.
I Voo I ≤ 35 mV max with both differential gains.
GND+0.15 V to VCC-0.7 V
V
VSTBY
Standby voltage input (2)
Device ON
Device OFF
2.
Without any signal on VSTBY, the device is in standby (internal 300 kΩ pull down resistor).
1.4
≤ VSTBY ≤ VCC
GND
≤ VSTBY ≤ 0.4 (3)
3.
Minimum current consumption is obtained when VSTBY = GND.
V
GS
Gain select input:
Gain =12dB
Gain = 6dB
GND
≤ VGS ≤ 0.4
1.4
≤ VGS ≤ VCC
V
RL
Load resistor
≥ 4
Ω
Rthja
Thermal resistance junction to ambient (4)
4.
When mounted on 4-layer PCB.
40
°C/W


Similar Part No. - TS2007_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS2007EIJT STMICROELECTRONICS-TS2007EIJT Datasheet
454Kb / 28P
   3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
TS2007EKIJT STMICROELECTRONICS-TS2007EKIJT Datasheet
454Kb / 28P
   3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
TS2007FC STMICROELECTRONICS-TS2007FC Datasheet
454Kb / 28P
   3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
TS2007IQT STMICROELECTRONICS-TS2007IQT Datasheet
466Kb / 29P
   3W filter-free Class D audio power amplifer with 6-12dB fixed gain select
More results

Similar Description - TS2007_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS2007FC STMICROELECTRONICS-TS2007FC Datasheet
454Kb / 28P
   3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
TS2007 STMICROELECTRONICS-TS2007 Datasheet
466Kb / 29P
   3W filter-free Class D audio power amplifer with 6-12dB fixed gain select
STEVAL-CCA012V1 STMICROELECTRONICS-STEVAL-CCA012V1 Datasheet
107Kb / 4P
   3 W filter-free class-D audio amplifier demonstration board with 6-12 dB fixed gain select based on the TS2007
logo
Texas Instruments
TPA2032D1 TI-TPA2032D1 Datasheet
867Kb / 17P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2034D1YZFR TI1-TPA2034D1YZFR Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2032D1 TI1-TPA2032D1_16 Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2035D1 TI-TPA2035D1 Datasheet
993Kb / 20P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS2012 STMICROELECTRONICS-TS2012 Datasheet
376Kb / 30P
   Filter-free stereo 2x2.8W class D audio power amplifer
TS2012FC STMICROELECTRONICS-TS2012FC Datasheet
598Kb / 31P
   Filter-free flip-chip stereo 2x2.5 W class D audio power amplifer
logo
Texas Instruments
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com