Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7498E Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7498E
Description  160-watt 160-watt dual BTL class-D audio amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7498E Datasheet HTML 3Page - STMicroelectronics TDA7498E Datasheet HTML 4Page - STMicroelectronics TDA7498E Datasheet HTML 5Page - STMicroelectronics TDA7498E Datasheet HTML 6Page - STMicroelectronics TDA7498E Datasheet HTML 7Page - STMicroelectronics TDA7498E Datasheet HTML 8Page - STMicroelectronics TDA7498E Datasheet HTML 9Page - STMicroelectronics TDA7498E Datasheet HTML 10Page - STMicroelectronics TDA7498E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TDA7498E
Electrical specifications
Doc ID 022595 Rev 1
7/20
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Recommended operating conditions
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage for pins PVCCA, PVCCB, SVCC
40
V
VI
Voltage limits for input pins STBY, MUTE, INNA, INPA, INNB, INPB,
GAIN, MODE
-0.3 to 4.0
V
Tj
Operating junction temperature
0 to 150
°C
Top
Operating ambient temperature
0 to 70
°C
Tstg
Storage temperature
-40 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Rth j-case
Thermal resistance, junction to case
-
3.0
°C/W
Table 5.
Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply voltage for pins PVCCA, PVCCB, SVCC
14
-
36
V
Tamb
Ambient operating temperature
0
-
70
°C


Similar Part No. - TDA7498E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7498 STMICROELECTRONICS-TDA7498 Datasheet
737Kb / 28P
   100-watt 100-watt dual BTL class-D audio amplifier
TDA7498L STMICROELECTRONICS-TDA7498L Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
TDA7498L STMICROELECTRONICS-TDA7498L Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
September 2011 Rev 3
TDA7498LTR STMICROELECTRONICS-TDA7498LTR Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
September 2011 Rev 3
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
   100-watt mono BTL class-D audio amplifier
More results

Similar Description - TDA7498E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
   25-watt 25-watt dual BTL class-D audio amplifier
TDA7493 STMICROELECTRONICS-TDA7493 Datasheet
870Kb / 30P
   3-watt 3-watt dual BTL class-D audio amplifier
TDA7498 STMICROELECTRONICS-TDA7498 Datasheet
737Kb / 28P
   100-watt 100-watt dual BTL class-D audio amplifier
TDA7492P13TR STMICROELECTRONICS-TDA7492P13TR Datasheet
459Kb / 26P
   25-watt 25-watt dual BTL class-D audio amplifier
September 2011 Rev 5
TDA7498LTR STMICROELECTRONICS-TDA7498LTR Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
September 2011 Rev 3
TDA749313TR STMICROELECTRONICS-TDA749313TR Datasheet
897Kb / 30P
   3-watt 3-watt dual BTL class-D audio amplifier
TDA7498L STMICROELECTRONICS-TDA7498L Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
CCA044V1 STMICROELECTRONICS-CCA044V1 Datasheet
85Kb / 5P
   160 W 160 W dual BTL class-D audio amplifier demonstration board based on the TDA7498E
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
   100-watt mono BTL class-D audio amplifier
TDA7491P STMICROELECTRONICS-TDA7491P Datasheet
1Mb / 42P
   2 x 10-watt dual BTL class-D audio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com