Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM150TU-12F Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # CM150TU-12F
Description  HIGH POWER SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM150TU-12F Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CM150TU-12F_12 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM150TU-12F_12 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM150TU-12F_12 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM150TU-12F_12 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feb. 2009
2
VCE = VCES, VGE = 0V
±VGE = VGES, VCE = 0V
VCC = 300V, IC = 150A, VGE = 15V
VCC = 300V, IC = 150A
VGE =
±15V
RG = 4.2
Ω, Inductive load
IE = 150A
IE = 150A, VGE = 0V
IGBT part (1/6 module)
FWDi part (1/6 module)
Case to heat sink, Thermal compound applied*2 (1/6 module)
Case temperature measured point is just under the chips
IC = 15mA, VCE = 10V
IC = 150A, VGE = 15V
VCE = 10V
VGE = 0V
600
±20
150
300
150
300
520
–40 ~ +150
–40 ~ +125
2500
2.5 ~ 3.5
2.5 ~ 3.5
680
MITSUBISHI IGBT MODULES
CM150TU-12F
HIGH POWER SWITCHING USE
V
V
W
°C
°C
Vrms
N • m
N • m
g
A
A
1
20
2.2
41
2.7
1.5
120
100
350
250
150
2.6
0.24
0.47
0.19*3
42
mA
µA
nF
nC
µC
V
K/W
1.6
1.6
930
2.8
0.09
4.2
6V
V
ns
57
ns
Collector cutoff current
Gate leakage current
Input capacitance
Output capacitance
Reverse transfer capacitance
Total gate charge
Turn-on delay time
Turn-on rise time
Turn-off delay time
Turn-off fall time
Reverse recovery time
Reverse recovery charge
Emitter-collector voltage
Contact thermal resistance
Thermal resistance
External gate resistance
Gate-emitter threshold voltage
Collector-emitter saturation voltage
Thermal resistance*1
ICES
IGES
Cies
Coes
Cres
QG
td(on)
tr
td(off)
tf
trr (Note 1)
Qrr (Note 1)
VEC(Note 1)
Rth(j-c)Q
Rth(j-c)R
Rth(c-f)
Rth(j-c’)Q
RG
Symbol
Parameter
VGE(th)
VCE(sat)
Note 1. IE, VEC, trr, Qrr & die/dt represent characteristics of the anti-parallel, emitter-collector free-wheel diode (FWDi).
2. Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tjmax rating.
3. Junction temperature (Tj) should not increase beyond 150
°C.
4. Pulse width and repetition rate should be such as to cause negligible temperature rise.
*1 : Case temperature (Tc) measured point is indicated in OUTLINE DRAWING.
*2 : Typical value is measured by using thermally conductive grease of λ = 0.9[W/(m • K)].
*3 : If you use this value, Rth(f-a) should be measured just under the chips.
Collector-emitter voltage
Gate-emitter voltage
Maximum collector dissipation
Junction temperature
Storage temperature
Isolation voltage
Weight
G-E Short
C-E Short
TC = 25
°C
Pulse
(Note 2)
TC = 25
°C
Pulse
(Note 2)
TC = 25
°C
Terminals to base plate, f = 60Hz, AC 1 minute
Main terminals M5 screw
Mounting M5 screw
Typical value
Symbol
Parameter
Collector current
Emitter current
Torque strength
Conditions
Unit
Ratings
VCES
VGES
IC
ICM
IE (Note 1)
IEM (Note 1)
PC (Note 3)
Tj
Tstg
Viso
Unit
Typ.
Limits
Min.
Max.
MAXIMUM RATINGS (Tj = 25
°C, unless otherwise specified)
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, unless otherwise specified)
Test conditions
Tj = 25
°C
Tj = 125
°C


Similar Part No. - CM150TU-12F_12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM150TU-12F MITSUBISHI-CM150TU-12F_09 Datasheet
140Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
More results

Similar Description - CM150TU-12F_12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM200DU-24NFH MITSUBISHI-CM200DU-24NFH Datasheet
51Kb / 4P
   HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF Datasheet
56Kb / 6P
   HIGH POWER SWITCHING USE
CM400DY-24NF MITSUBISHI-CM400DY-24NF Datasheet
98Kb / 4P
   HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA Datasheet
88Kb / 4P
   HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA Datasheet
80Kb / 4P
   HIGH POWER SWITCHING USE
CM75DY-34A MITSUBISHI-CM75DY-34A Datasheet
111Kb / 5P
   HIGH POWER SWITCHING USE
CM600DU-5F MITSUBISHI-CM600DU-5F Datasheet
81Kb / 4P
   HIGH POWER SWITCHING USE
CM150RL-24NF MITSUBISHI-CM150RL-24NF Datasheet
57Kb / 6P
   HIGH POWER SWITCHING USE
CM400DU-12F MITSUBISHI-CM400DU-12F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
CM600HU-24F MITSUBISHI-CM600HU-24F Datasheet
67Kb / 4P
   HIGH POWER SWITCHING USE
CM150DU-24F MITSUBISHI-CM150DU-24F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com