Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM100RX-24A Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # CM100RX-24A
Description  HIGH POWER SWITCHING USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM100RX-24A Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  CM100RX-24A_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM100RX-24A_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM100RX-24A_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM100RX-24A_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM100RX-24A_09 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM100RX-24A_09 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM100RX-24A_09 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor CM100RX-24A_09 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Jan. 2009
7
100
100
101
57
102
23
5
7
23
Conditions:
VCC = 600V
VGE =
±15V
IC, IE = 100A
Tj = 125
°C
Inductive load
101
57
102
23
5
7
23
Eoff
Eon
Err
100
101
100
102
5
7
103
2
3
5
7
2
3
5
7
2
3
Conditions:
VCC = 600V
VGE =
±15V
RG = 3.0
Ω
Tj = 25
°C
Inductive load
100
101
57
102
23
5
7
23
Irr
trr
101
100
102
5
7
103
2
3
5
7
2
3
5
7
2
3
100
10–1
101
5
7
102
2
3
5
7
2
3
5
7
2
3
Conditions:
VCC = 600V
VGE =
±15V
IC = 100A
Tj = 125
°C
Inductive load
Conditions:
VCC = 600V
VGE =
±15V
RG = 3.0
Ω
Tj = 125
°C
Inductive load
100
101
57
102
23
5
7
23
Eoff
Eon
Err
td(off)
td(on)
tr
tf
0
100 200 300 400 500 600 700
0
5
10
15
20
VCC = 400V
VCC = 600V
IC = 100A
10–3
100
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
10–523 5710–423 5710–323 5710–223 5710–123 57100 23 57101
Single pulse,
TC = 25
°C
Inverter IGBT part : Per unit base = Rth(j–c) = 0.20
K/W
Inverter FWDi part : Per unit base = Rth(j–c) = 0.29
K/W
Brake IGBT part
: Per unit base = Rth(j–c) = 0.35
K/W
Brake Clamp-Di part : Per unit base = Rth(j–c) = 0.48
K/W
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL) Inverter part
GATE RESISTANCE RG (
Ω)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL) Inverter part
GATE RESISTANCE RG (
Ω)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL) Inverter part
COLLECTOR CURRENT IC (A)
EMITTER CURRENT IE (A)
REVERSE RECOVERY CHARACTERISTICS
OF FREE WHEELING DIODE
(TYPICAL) Inverter part
EMITTER CURRENT IE (A)
GATE CHARGE CHARACTERISTICS
(TYPICAL) Inverter part
GATE CHARGE QG (nC)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
TIME (s)
102
101
100
2
3
5
7
2
3
5
7
MITSUBISHI IGBT MODULES
CM100RX-24A
HIGH POWER SWITCHING USE


Similar Part No. - CM100RX-24A_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM100RX-24A MITSUBISHI-CM100RX-24A Datasheet
231Kb / 8P
   IGBT MODULES HIGH POWER SWITCHING USE
More results

Similar Description - CM100RX-24A_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM200DU-24NFH MITSUBISHI-CM200DU-24NFH Datasheet
51Kb / 4P
   HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF Datasheet
56Kb / 6P
   HIGH POWER SWITCHING USE
CM400DY-24NF MITSUBISHI-CM400DY-24NF Datasheet
98Kb / 4P
   HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA Datasheet
88Kb / 4P
   HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA Datasheet
80Kb / 4P
   HIGH POWER SWITCHING USE
CM75DY-34A MITSUBISHI-CM75DY-34A Datasheet
111Kb / 5P
   HIGH POWER SWITCHING USE
CM600DU-5F MITSUBISHI-CM600DU-5F Datasheet
81Kb / 4P
   HIGH POWER SWITCHING USE
CM150RL-24NF MITSUBISHI-CM150RL-24NF Datasheet
57Kb / 6P
   HIGH POWER SWITCHING USE
CM400DU-12F MITSUBISHI-CM400DU-12F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
CM600HU-24F MITSUBISHI-CM600HU-24F Datasheet
67Kb / 4P
   HIGH POWER SWITCHING USE
CM150DU-24F MITSUBISHI-CM150DU-24F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com