Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK42451-01 Datasheet(PDF) 9 Page - Peregrine Semiconductor Corp.

Part # EK42451-01
Description  SP5T Absorptive UltraCMOS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

EK42451-01 Datasheet(HTML) 9 Page - Peregrine Semiconductor Corp.

Back Button EK42451-01 Datasheet HTML 3Page - Peregrine Semiconductor Corp. EK42451-01 Datasheet HTML 4Page - Peregrine Semiconductor Corp. EK42451-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. EK42451-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp. EK42451-01 Datasheet HTML 7Page - Peregrine Semiconductor Corp. EK42451-01 Datasheet HTML 8Page - Peregrine Semiconductor Corp. EK42451-01 Datasheet HTML 9Page - Peregrine Semiconductor Corp. EK42451-01 Datasheet HTML 10Page - Peregrine Semiconductor Corp. EK42451-01 Datasheet HTML 11Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Product Specification
PE42451
Page 9 of 11
Document No. 70-0298-03
│ www.psemi.com
©2009-2010 Peregrine Semiconductor Corp. All rights reserved.
Figure 20. Package Drawing
Peregrine Specification 19/0130
Max.
0.900
Nom.
0.850
Min.
0.800
A


Similar Part No. - EK42451-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK42452-01 PSEMI-EK42452-01 Datasheet
458Kb / 11P
   UltraCMOS SP5T RF Switch 450-4000 MHz
EK42452-01 PSEMI-EK42452-01 Datasheet
458Kb / 11P
   SP5T RF Switch 450??000 MHz
More results

Similar Description - EK42451-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42451 PEREGRINE-PE42451 Datasheet
619Kb / 11P
   SP5T Absorptive UltraCMOS
logo
Peregrine Semiconductor
PE42451 PSEMI-PE42451 Datasheet
619Kb / 11P
   SP5T Absorptive UltraCMOS High-Isolation RF Switch
logo
Peregrine Semiconductor...
PE4246 PEREGRINE-PE4246 Datasheet
462Kb / 8P
   Absorptive SPST UltraCMOS
logo
Peregrine Semiconductor
PE4246 PSEMI-PE4246_14 Datasheet
1Mb / 8P
   Absorptive SPST UltraCMOS?
logo
Microsemi Corporation
GG75020 MICROSEMI-GG75020 Datasheet
97Kb / 2P
   ABSORPTIVE SP5T SWITCH MODULES
logo
SIPAT Co,Ltd
SP42450 SIPAT-SP42450 Datasheet
309Kb / 10P
   SP5T Absorptive Silicon-on-Sapphire
logo
Peregrine Semiconductor...
PE4257 PEREGRINE-PE4257 Datasheet
300Kb / 7P
   50 廓 SPDT Absorptive UltraCMOS
logo
Peregrine Semiconductor
PE4246 PSEMI-PE4246 Datasheet
462Kb / 8P
   Absorptive SPST UltraCMOS RF Switch
PE4257 PSEMI-PE4257_14 Datasheet
869Kb / 7P
   50 廓 SPDT Absorptive UltraCMOS?
PE42452 PSEMI-PE42452_15 Datasheet
458Kb / 11P
   UltraCMOS SP5T RF Switch 450-4000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com