Electronic Components Datasheet Search |
|
CGJ3C1C0G0F106J Datasheet(PDF) 11 Page - TDK Electronics |
|
CGJ3C1C0G0F106J Datasheet(HTML) 11 Page - TDK Electronics |
11 / 12 page TDK • 11 TDK MLCC Presentation (4) Temperature Characteristics Temperature Characteristics Temperature Range Capacitance Change C0G -55 ~ 125ºC 0 30 ppm/ºC X7R -55 ~ 125ºC 15% (5) Rated Voltage Code (Vdc) Symbol Rated Voltage (V DC) 0J 6.3 1A 10 1C 16 1E 25 1H 50 (7) Capacitance Tolerance Code Symbol Capacitance Tolerance J 5% K 10% CGJ series l High Reliability Series- Part Number Description - (1) Series/Dimension Code Series Code EIA L (mm) W (mm) T (mm) Nominal CGJ – Extended Life 2 0402 1.00 0.50 0.50 3 0603 1.60 0.80 0.80 4 0805 2.00 1.20 1.25 5 1206 3.20 x 1.60 1.60 (3) Voltage Condition for Life Test Code Condition Code Condition 1 1 x R.V. 3 1.5 x R.V. 2 2 x R.V. 4 1.2 x R.V. (2) Nominal Thickness Code T(mm) Symbol Thickness Symbol Thickness B 0.50 mm H 1.15 mm C 0.60 mm J 1.25 mm E 0.80 mm L 1.60 mm F 0.85 mm (6) Nominal Capacitance (pF) Symbol Cap Value (pF) Cap Value (nF) Cap Value (µF) 101 100 pF 0.1 nF 0.0001 µF 102 1,000pF 1 nF 0.001 µF 105 1,000,000 pF 1,000 nF 1 µF 106 10,000,000 pF 10,000 nF 10 µF The capacitance is expressed in three digit codes and in units of pico Farads (pF). The first and second digits identify the first and second significant figures of the capacitance. The third digit identifies the multiplier. R designates a decimal point. (1) (2) (3) (4) (5) (6) (7) CGJ5 L 2 X7R 1A 106 K |
Similar Part No. - CGJ3C1C0G0F106J |
|
Similar Description - CGJ3C1C0G0F106J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |