Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK42421-01 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # EK42421-01
Description  SPDT UltraCMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

EK42421-01 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  EK42421-01 Datasheet HTML 1Page - Peregrine Semiconductor Corp. EK42421-01 Datasheet HTML 2Page - Peregrine Semiconductor Corp. EK42421-01 Datasheet HTML 3Page - Peregrine Semiconductor Corp. EK42421-01 Datasheet HTML 4Page - Peregrine Semiconductor Corp. EK42421-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. EK42421-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp. EK42421-01 Datasheet HTML 7Page - Peregrine Semiconductor Corp. EK42421-01 Datasheet HTML 8Page - Peregrine Semiconductor Corp. EK42421-01 Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Product Specification
PE42421
Page 4 of 9
©2010-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0396-03 │ UltraCMOS® RFIC Solutions
Control Voltages
Signal Path
Pin 6 (VDD) = VDD
Pin 4 (CTRL) = High
RFC to RF2
Pin 6 (VDD) = VDD
Pin 4 (CTRL) = Low
RFC to RF1
Table 5. Single-pin Control Logic Truth Table
Table 6. Complementary-pin Control Logic
Truth Table
Control Voltages
Signal Path
Pin 6 (CTRL or VDD) = Low
Pin 4 (CTRL) = High
RFC to RF2
Pin 6 (CTRL or VDD) = High
Pin 4 (CTRL) = Low
RFC to RF1
Control Logic Input
The PE42421 is a versatile RF CMOS switch that
supports two operating control modes; single-pin
control mode and complementary-pin control
mode.
Single-pin control mode enables the switch to
operate with a single control pin (pin 4) supporting
a +3-volt CMOS logic input, and requires a
dedicated +3-volt power supply connection on pin
6 (VDD). This mode of operation reduces the
number of control lines required and simplifies the
switch control interface typically derived from a
CMOS
Processor I/O port.
Complementary-pin control mode allows the
switch to operate using complementary control
pins CTRL and CTRL (pins 4 & 6), that can be
directly driven by +3-volt CMOS logic or a suitable
Processor I/O port. This enables the PE42421 to
be used as a potential alternate source for SPDT
RF switch products used in positive control
voltage mode and operating within the PE42421
operating limits.


Similar Part No. - EK42421-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK42421-01 PSEMI-EK42421-01 Datasheet
385Kb / 9P
   SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
More results

Similar Description - EK42421-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4237 PEREGRINE-PE4237 Datasheet
276Kb / 8P
   SPDT UltraCMOS
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS
PE42552 PEREGRINE-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS
PE4244 PEREGRINE-PE4244 Datasheet
284Kb / 6P
   SPDT UltraCMOS
PE4239 PEREGRINE-PE4239 Datasheet
287Kb / 9P
   SPDT UltraCMOS
PE4251 PEREGRINE-PE4251 Datasheet
225Kb / 9P
   SPDT UltraCMOS
PE42421 PEREGRINE-PE42421 Datasheet
325Kb / 9P
   SPDT UltraCMOS
PE4245 PEREGRINE-PE4245 Datasheet
264Kb / 8P
   SPDT UltraCMOS
PE42551 PEREGRINE-PE42551 Datasheet
819Kb / 9P
   SPDT UltraCMOS
PE4272 PEREGRINE-PE4272 Datasheet
223Kb / 11P
   SPDT Broadband UltraCMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com