Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX285 Datasheet(PDF) 22 Page - Sony Corporation

Part # ICX285
Description  Timing Generator for Progressive Scan CCD Image Sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX285 Datasheet(HTML) 22 Page - Sony Corporation

Back Button ICX285 Datasheet HTML 18Page - Sony Corporation ICX285 Datasheet HTML 19Page - Sony Corporation ICX285 Datasheet HTML 20Page - Sony Corporation ICX285 Datasheet HTML 21Page - Sony Corporation ICX285 Datasheet HTML 22Page - Sony Corporation ICX285 Datasheet HTML 23Page - Sony Corporation ICX285 Datasheet HTML 24Page - Sony Corporation ICX285 Datasheet HTML 25Page - Sony Corporation ICX285 Datasheet HTML 26Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
– 22 –
CXD3607R
Detailed Description of Output Pins
The CXD3607R generates special pulses that are used by signal processing circuits, etc. These details are
described below.
• WEN (Pin 30)
The CXD3607R outputs a WEN signal that indicates the effective line period output from the CCD image
sensor. The WEN signal is high during the vertical effective line period. For details, see the vertical timing
charts for each drive mode.
∗ When SG stopped is selected by the SG stop setting, WEN is inactive during the SG stopped VD period.
∗ When performing long-time exposure with the shutter V setting, WEN is inactive during the SG stopped VD
period.
Special Drive Sequence (Random trigger shutter drive)
Cameras using the CXD3607R can perform random trigger shutter drive which allows image capturing at an
optional timing. The TRIG pulse is loaded from the TRIG pin at the rising edge of MCKO, and reflected from the
falling edge of the next HD.
The random trigger shutter drive sequence in DRAFT mode is shown below.
Not accepted
(1)
DRAFT
DRAFT (TRIG function enabled)
(4) SG generation position setting
(2) High-speed sweep setting
(6) SG and V pulse stopped
(3) SUB setting
TRIGOUT
DRAFT
Not accepted
Exposure A
Exposure C
(5) Clamp pulse stop setting
Exposure C
Main exposure
Exposure
Exposure B
None
Exposure A
(part-way)
Main exposure
TRIG
VD
HD
Mode
V2A
SUB
CCDOUT
XCPOB, XCPDM


Similar Part No. - ICX285

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX285AL SONY-ICX285AL Datasheet
198Kb / 21P
   Diagonal 11 mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX285AQ SONY-ICX285AQ Datasheet
219Kb / 23P
   Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results

Similar Description - ICX285

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2460R SONY-CXD2460R Datasheet
341Kb / 36P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2408AR SONY-CXD2408AR Datasheet
320Kb / 30P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2408R SONY-CXD2408R Datasheet
487Kb / 30P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD3611R SONY-CXD3611R Datasheet
429Kb / 49P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2434ATQ SONY-CXD2434ATQ Datasheet
521Kb / 26P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2437TQ SONY-CXD2437TQ Datasheet
590Kb / 33P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2457R SONY-CXD2457R Datasheet
380Kb / 37P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2434TQ SONY-CXD2434TQ Datasheet
1,013Kb / 27P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD3609R SONY-CXD3609R Datasheet
898Kb / 72P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2424R SONY-CXD2424R Datasheet
806Kb / 31P
   Timing Generator for Progressive Scan CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com