Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX412 Datasheet(PDF) 1 Page - Sony Corporation

Part # ICX412
Description  Timing Generator for Frame Readout CCD Image Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX412 Datasheet(HTML) 1 Page - Sony Corporation

  ICX412 Datasheet HTML 1Page - Sony Corporation ICX412 Datasheet HTML 2Page - Sony Corporation ICX412 Datasheet HTML 3Page - Sony Corporation ICX412 Datasheet HTML 4Page - Sony Corporation ICX412 Datasheet HTML 5Page - Sony Corporation ICX412 Datasheet HTML 6Page - Sony Corporation ICX412 Datasheet HTML 7Page - Sony Corporation ICX412 Datasheet HTML 8Page - Sony Corporation ICX412 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
CXD3606R
Timing Generator for Frame Readout CCD Image Sensor
Description
The CXD3606R is a timing generator IC which
generates the timing pulses for performing frame
readout using the ICX412 CCD image sensor.
Features
• Base oscillation frequency 45MHz
• Electronic shutter function
• Supports draft (sextuple speed) / AF (auto focus)
drive
• Horizontal driver for CCD image sensor
• Vertical driver for CCD image sensor
Applications
Digital still cameras
Structure
Silicon gate CMOS IC
Applicable CCD Image Sensors
ICX412 (Type 1/1.8, 3240K pixels)
Pin Configuration
Absolute Maximum Ratings
• Supply voltage
VDD
VSS – 0.3 to +7.0
V
VL
–10.0 to VSS
V
VH
VL – 0.3 to +26.0
V
• Input voltage
VI
VSS – 0.3 to VDD + 0.3
V
• Output voltage
VO1
VSS – 0.3 to VDD + 0.3
V
VO2
VL – 0.3 to VSS + 0.3
V
VO3
VL – 0.3 to VH + 0.3
V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–55 to +150
°C
Recommended Operating Conditions
• Supply voltage
VDDb
3.0 to 5.25
V
VDDa, VDDc, VDDd
3.0 to 3.6
V
VM
0.0
V
VH
14.5 to 15.5
V
VL
–7.0 to –8.0
V
• Operating temperature
Topr
–20 to +75
°C
– 1 –
E01216-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
48 pin LQFP (Plastic)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
H2
VDD3
VDD4
XSHP
XSHD
XRS
PBLK
CLPDM
VSS4
OBCLP
ADCLK
VSS5
TEST2
SUB
V3B
VL
V3A
V1B
VH
V1A
V4
V2
VM
TEST1
∗ Groups of pins enclosed in the figure indicate
sections for which power supply separation is
possible.


Similar Part No. - ICX412

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX412 SONY-ICX412 Datasheet
383Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
ICX412AQF SONY-ICX412AQF Datasheet
347Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
More results

Similar Description - ICX412

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2497R SONY-CXD2497R Datasheet
387Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3619R SONY-CXD3619R Datasheet
37Kb / 2P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3605R SONY-CXD3605R Datasheet
344Kb / 36P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2498R SONY-CXD2498R Datasheet
554Kb / 51P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3615R SONY-CXD3615R Datasheet
461Kb / 43P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2470R SONY-CXD2470R Datasheet
405Kb / 38P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2492R SONY-CXD2492R Datasheet
390Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
logo
List of Unclassifed Man...
CXD3423GA ETC-CXD3423GA Datasheet
531Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
Sony Corporation
CXD3412GA SONY-CXD3412GA Datasheet
383Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3406GA SONY-CXD3406GA Datasheet
384Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com