Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1701-2-AIZL-TR Datasheet(PDF) 9 Page - SMSC Corporation

Part # EMC1701-2-AIZL-TR
Description  High-Side Current-Sense and Internal 1째C Temperature Monitor
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1701-2-AIZL-TR Datasheet(HTML) 9 Page - SMSC Corporation

Back Button EMC1701-2-AIZL-TR Datasheet HTML 5Page - SMSC Corporation EMC1701-2-AIZL-TR Datasheet HTML 6Page - SMSC Corporation EMC1701-2-AIZL-TR Datasheet HTML 7Page - SMSC Corporation EMC1701-2-AIZL-TR Datasheet HTML 8Page - SMSC Corporation EMC1701-2-AIZL-TR Datasheet HTML 9Page - SMSC Corporation EMC1701-2-AIZL-TR Datasheet HTML 10Page - SMSC Corporation EMC1701-2-AIZL-TR Datasheet HTML 11Page - SMSC Corporation EMC1701-2-AIZL-TR Datasheet HTML 12Page - SMSC Corporation EMC1701-2-AIZL-TR Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
High-Side Current-Sense and Internal 1°C Temperature Monitor
Datasheet
SMSC EMC1701
9
Revision 1.2 (09-27-10)
DATASHEET
The pin types are described in Table 1.2. All pins labeled with (5V) are 5V tolerant. All pins labeled
with (24V) are 24V tolerant.
Table 1.1 Pin Description for EMC1701
PIN
NUMBER
EMC1701-1
PIN
NUMBER
EMC1701-2
PIN NAME
PIN FUNCTION
PIN TYPE
1
5
VDD
Positive power supply voltage
Power (24V)
2
2
N/C
Not internally connected
n/a
3
N/A
N/C
Not internally connected
n/a
4
6
ADDR_SEL
Selects SMBus Address
AI
58
THERM
Active low output - requires pull-up resistor
OD (5V)
6
9
ALERT
Active low output - requires pull-up resistor
OD (5V)
7
10
SMDATA
SMBus data input/output - requires external
pull-up resistor
DIOD (5V)
8
1
SMCLK
SMBus clock input - requires external pull-
up resistor
DI (5V)
9
N/A
DUR_SEL
Selects peak detector duration
AI
10
N/A
TH_SEL
Selects peak detector threshold
AI
11
3
SENSE-
Negative current sense measurement point
AI (24V)
12
4
SENSE+
Positive current sense measurement point
AI (24V)
Bottom Pad
7
GND
Ground
Power
Table 1.2 Pin Types
PIN TYPE
DESCRIPTION
Power
This pin is used to supply power or ground to the device.
AI
Analog Input - this pin is used as an input for analog
signals.
OD
Open Drain Digital Output - this pin is used as a digital
output. It is open drain and requires a pull-up resistor.
This pin is 5V tolerant.
DI
Digital Input - this pin is used for digital inputs. This pin is
5V tolerant.
DIOD
Open Drain Digital Input / Output - this pin is bi-directional.
It is open drain and requires a pull-up resistor. This pin is
5V tolerant.


Similar Part No. - EMC1701-2-AIZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1702 SMSC-EMC1702 Datasheet
890Kb / 57P
   High-Side Current-Sense and Dual 1째C Temperature Monitor
logo
Microchip Technology
EMC1702 MICROCHIP-EMC1702 Datasheet
2Mb / 60P
   High-Side Current-Sense and Dual 1째C Temperature Monitor
02/28/20
logo
SMSC Corporation
EMC1702-1-KP-TR SMSC-EMC1702-1-KP-TR Datasheet
890Kb / 57P
   High-Side Current-Sense and Dual 1째C Temperature Monitor
logo
Microchip Technology
EMC1702-1-KP-TR MICROCHIP-EMC1702-1-KP-TR Datasheet
2Mb / 60P
   High-Side Current-Sense and Dual 1째C Temperature Monitor
02/28/20
EMC1704 MICROCHIP-EMC1704 Datasheet
1Mb / 68P
   High-Side Current-Sense and Multiple 1째C Temperature Monitor
Rev. 1.0 11-09-09
More results

Similar Description - EMC1701-2-AIZL-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1702 MICROCHIP-EMC1702 Datasheet
2Mb / 60P
   High-Side Current-Sense and Dual 1째C Temperature Monitor
02/28/20
EMC1704 MICROCHIP-EMC1704 Datasheet
1Mb / 68P
   High-Side Current-Sense and Multiple 1째C Temperature Monitor
Rev. 1.0 11-09-09
logo
SMSC Corporation
EMC1702 SMSC-EMC1702 Datasheet
890Kb / 57P
   High-Side Current-Sense and Dual 1째C Temperature Monitor
logo
Microchip Technology
PAC1710 MICROCHIP-PAC1710 Datasheet
492Kb / 48P
   Single and Dual High-Side Current-Sense Monitor with Power Calculation
07/14/15
logo
SMSC Corporation
PAC1720 SMSC-PAC1720 Datasheet
772Kb / 47P
   Dual High-Side Current Sense Monitor with Power Calculation
logo
Diodes Incorporated
ZXCT1008 DIODES-ZXCT1008_17 Datasheet
562Kb / 8P
   INCREASED AMBIENT TEMPERATURE HIGH-SIDE CURRENT MONITOR
logo
International Rectifier
AUIPS7145R IRF-AUIPS7145R Datasheet
628Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH Over temperature shutdown
logo
Analog Devices
LTC6115 AD-LTC6115 Datasheet
1Mb / 20P
   High Voltage High Side Current and Voltage Sense
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
   HIGH-SIDE CURRENT MONITOR
logo
Unisonic Technologies
UCM102 UTC-UCM102 Datasheet
134Kb / 4P
   HIGH-SIDE CURRENT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com