Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD352 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TD352
Description  Advanced IGBT/MOSFET driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD352 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TD352_11 Datasheet HTML 3Page - STMicroelectronics TD352_11 Datasheet HTML 4Page - STMicroelectronics TD352_11 Datasheet HTML 5Page - STMicroelectronics TD352_11 Datasheet HTML 6Page - STMicroelectronics TD352_11 Datasheet HTML 7Page - STMicroelectronics TD352_11 Datasheet HTML 8Page - STMicroelectronics TD352_11 Datasheet HTML 9Page - STMicroelectronics TD352_11 Datasheet HTML 10Page - STMicroelectronics TD352_11 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TD352
Electrical characteristics
Doc ID 11095 Rev 2
7/18
Under voltage lockout (UVLO)
UVLOH
UVLO top threshold
10
11
12
V
UVLOL
UVLO bottom threshold
9
10
11
V
Vhyst
UVLO hysteresis
UVLOH-UVLOL
0.5
1
V
Supply current
Iin
Quiescent current
OUT = 0V; no load
2.5
mA
1.
Recommended capacitor range on VREF pin is 10 nF to 100 nF
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit


Similar Part No. - TD352_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD352ID STMICROELECTRONICS-TD352ID Datasheet
179Kb / 13P
   Advanced IGBT/MOSFET Driver
TD352IDT STMICROELECTRONICS-TD352IDT Datasheet
179Kb / 13P
   Advanced IGBT/MOSFET Driver
TD352IN STMICROELECTRONICS-TD352IN Datasheet
179Kb / 13P
   Advanced IGBT/MOSFET Driver
More results

Similar Description - TD352_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD350E STMICROELECTRONICS-TD350E Datasheet
258Kb / 17P
   Advanced IGBT/MOSFET driver
TD351 STMICROELECTRONICS-TD351_11 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
TD352 STMICROELECTRONICS-TD352 Datasheet
179Kb / 13P
   Advanced IGBT/MOSFET Driver
TD35 STMICROELECTRONICS-TD35 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
June 2011 Rev 2
TD350 STMICROELECTRONICS-TD350_10 Datasheet
234Kb / 17P
   Advanced IGBT/MOSFET driver
TD350 STMICROELECTRONICS-TD350 Datasheet
161Kb / 11P
   Advanced IGBT/MOSFET Driver
TD351 STMICROELECTRONICS-TD351 Datasheet
157Kb / 12P
   Advanced IGBT/MOSFET Driver
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
   Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
MC33GD3100 NXP-MC33GD3100_V01 Datasheet
480Kb / 21P
   Advanced IGBT/SiC gate driver
Rev. 10.0 - 29 September 2023
logo
Mitsubishi Electric Sem...
M63975FP MITSUBISHI-M63975FP Datasheet
47Kb / 5P
   IGBT MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com