Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STULPI01A Datasheet(PDF) 8 Page - STMicroelectronics

Part # STULPI01A
Description  High-speed USB On-The-Go ULPI transceiver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STULPI01A_12 Datasheet HTML 4Page - STMicroelectronics STULPI01A_12 Datasheet HTML 5Page - STMicroelectronics STULPI01A_12 Datasheet HTML 6Page - STMicroelectronics STULPI01A_12 Datasheet HTML 7Page - STMicroelectronics STULPI01A_12 Datasheet HTML 8Page - STMicroelectronics STULPI01A_12 Datasheet HTML 9Page - STMicroelectronics STULPI01A_12 Datasheet HTML 10Page - STMicroelectronics STULPI01A_12 Datasheet HTML 11Page - STMicroelectronics STULPI01A_12 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Bump configuration
STULPI01A, STULPI01B
8/44
Doc ID 14817 Rev 4
Bump
Symbol
Type
Description
F1
NC
Not connected
F2
NC
Not connected.
E2
VB_REF_FAULT
I
Voltage reference for internal OC detector input or digital input from
external OC detector (V3V3V referred). 5 V tolerant.
D4
PSWn
O
External charge pump control, active low. 5 V tolerant, open drain.
F5
XI
I
External clock input (VDVIO referred).
F6
XO
O
XO pin must be left floating or grounded (crystal is not supported).
F3
VBAT
PWR
Battery power input for the LDO (3 V – 4.5 V). Bypass VBAT to GND with
a 1 µF capacitor.
E3
3V3V
PWR
3.3 V LDO output. Bypass 3V3V to GND with a 1.5 µF capacitor.
E6
1V2V
PWR
1.2 V LDO output. Bypass 1V2V to GND with a 1.5 µF capacitor.
C2
RREF
I/O
Reference resistor (12 k
Ω ±1%)
B2/B3/B5
VDVIO
PWR
Digital I/O supply voltage. Bypass each VDVIO to GND with
a 100 nF-1
μF capacitor. Balls B2-B5 can share common capacitor.
C5/D2
GND
PWR
Ground
B4/E4/E1
GND
PWR
Ground
Table 2.
Pinout and bump description (continued)


Similar Part No. - STULPI01A_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STULPI01ATBR STMICROELECTRONICS-STULPI01ATBR Datasheet
96Kb / 6P
   HS USB ULPI transceiver
STULPI01ATBR STMICROELECTRONICS-STULPI01ATBR Datasheet
606Kb / 44P
   High speed USB On-The-Go ULPI transceiver
STULPI01A STMICROELECTRONICS-STULPI01A_08 Datasheet
606Kb / 44P
   High speed USB On-The-Go ULPI transceiver
More results

Similar Description - STULPI01A_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A_08 Datasheet
606Kb / 44P
   High speed USB On-The-Go ULPI transceiver
logo
List of Unclassifed Man...
ISP1507A ETC2-ISP1507A Datasheet
1Mb / 81P
   ULPI Hi-Speed USB On-The-Go transceiver
logo
NXP Semiconductors
SAF1508BET NXP-SAF1508BET Datasheet
462Kb / 87P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 2-23 July 2012
ISP1504A PHILIPS-ISP1504A Datasheet
414Kb / 84P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 October 2006
ISP1504A1 NXP-ISP1504A1_07 Datasheet
428Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-6 August 2007
ISP1506A NXP-ISP1506A Datasheet
400Kb / 79P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01 - 30 May 2007
ISP1507ABS NXP-ISP1507ABS Datasheet
424Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 May 2008
ISP1512A NXP-ISP1512A Datasheet
285Kb / 56P
   ULPI Hi-Speed USB transceiver
Rev. 01-31 July 2008
logo
Maxim Integrated Produc...
MAX3301E MAXIM-MAX3301E Datasheet
868Kb / 35P
   USB On-the-Go Transceiver and Charge Pump
Rev 2; 1/06
logo
Texas Instruments
TUSB6020 TI-TUSB6020_08 Datasheet
485Kb / 20P
[Old version datasheet]   USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com