Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STRH100N10 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STRH100N10
Description  Rad-Hard 100 V, 48 A N-channel Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH100N10 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STRH100N10 Datasheet HTML 2Page - STMicroelectronics STRH100N10 Datasheet HTML 3Page - STMicroelectronics STRH100N10 Datasheet HTML 4Page - STMicroelectronics STRH100N10 Datasheet HTML 5Page - STMicroelectronics STRH100N10 Datasheet HTML 6Page - STMicroelectronics STRH100N10 Datasheet HTML 7Page - STMicroelectronics STRH100N10 Datasheet HTML 8Page - STMicroelectronics STRH100N10 Datasheet HTML 9Page - STMicroelectronics STRH100N10 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
STRH100N10
6/17
Doc ID 17486 Rev 6
Table 7.
Switching times (pre-irradiation)
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off-delay time
Fall time
VDD = 50 V, ID = 24 A,
RG = 4.7 Ω, VGS = 12 V
23
29
79
33
29.5
40
99
64
36
52
119
95
ns
ns
ns
ns
Table 8.
Source drain diode (pre-irradiation) (1)
1.
Refer to the
Figure 16.
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
ISD
ISDM
(2)
2.
Pulse width limited by safe operating area.
Source-drain current
Source-drain current
(pulsed)
48
192
A
A
VSD
(3)
3.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%.
Forward on voltage
ISD = 48 A, VGS = 0
1.5
V
trr
(4)
Qrr
(4)
IRRM
(4)
4.
Not tested in production, guaranteed by process.
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 48 A,
di/dt = 100 A/µs
VDD= 50 V, TJ = 25 °C
328
413
5
24
498
ns
µC
A
trr
(4)
Qrr
(4)
IRRM
(4)
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 48 A,
di/dt = 100 A/µs
VDD= 50 V, TJ = 150 °C
400
500
7
28
600
ns
µC
A


Similar Part No. - STRH100N10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRH100N6 STMICROELECTRONICS-STRH100N6 Datasheet
408Kb / 18P
   Rad-Hard N-channel, 60 V, 80 A Power MOSFET
More results

Similar Description - STRH100N10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRH8N10 STMICROELECTRONICS-STRH8N10 Datasheet
501Kb / 18P
   Rad-Hard N-channel 100 V, 6 A Power MOSFET
STRH40P10 STMICROELECTRONICS-STRH40P10 Datasheet
405Kb / 18P
   Rad-Hard P-channel 100 V, 34 A Power MOSFET
STRH12P10 STMICROELECTRONICS-STRH12P10 Datasheet
421Kb / 15P
   Rad-Hard 100 V, 12 A, P-channel Power MOSFET
May 2022 Rev 9
STRH100N6 STMICROELECTRONICS-STRH100N6 Datasheet
408Kb / 18P
   Rad-Hard N-channel, 60 V, 80 A Power MOSFET
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
   Rad-Hard N-channel 60 V, 30 A Power MOSFET
logo
Sensitron
SRADM1002 SENSITRON-SRADM1002 Datasheet
190Kb / 2P
   JHERMETIC RAD HARD POWER MOSFET N-CHANNEL QUAD
SRADM1001 SENSITRON-SRADM1001 Datasheet
213Kb / 3P
   HERMETIC RAD HARD POWER N-CHANNEL MOSFET ARRAY
SRADM1006 SENSITRON-SRADM1006 Datasheet
152Kb / 2P
   HERMETIC RAD HARD POWER MOSFET
SRADM1008 SENSITRON-SRADM1008 Datasheet
153Kb / 2P
   HERMETIC RAD HARD POWER MOSFET
SRADM1004 SENSITRON-SRADM1004 Datasheet
168Kb / 2P
   HERMETIC RAD HARD POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com