Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STRH100N6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STRH100N6
Description  Rad-Hard N-channel, 60 V, 80 A Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH100N6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STRH100N6 Datasheet HTML 2Page - STMicroelectronics STRH100N6 Datasheet HTML 3Page - STMicroelectronics STRH100N6 Datasheet HTML 4Page - STMicroelectronics STRH100N6 Datasheet HTML 5Page - STMicroelectronics STRH100N6 Datasheet HTML 6Page - STMicroelectronics STRH100N6 Datasheet HTML 7Page - STMicroelectronics STRH100N6 Datasheet HTML 8Page - STMicroelectronics STRH100N6 Datasheet HTML 9Page - STMicroelectronics STRH100N6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
STRH100N6
6/18
Doc ID 18353 Rev 3
Table 7.
Pre-irradation switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off-delay time
Fall time
VDD = 30 V, ID = 40 A,
RG = 4.7 Ω, VGS = 12 V
22
90
62
45
28
115
86
69
34
140
110
93
ns
ns
ns
ns
Table 8.
Pre-irradation source drain diode(1)
1.
Refer to
Table 16: Source drain diode.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(2)
2.
Pulse width limited by safe operating area.
Source-drain current
Source-drain current (pulsed)
80
320
A
A
VSD
(3)
3.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 80 A, VGS = 0
1.1
V
trr
(4)
Qrr
(4)
IRRM
(4)
4.
Not tested in production, guaranteed by process.
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 80 A, di/dt = 100
A/µs
VDD= 48 V, Tj = 25 °C
307
384
4.7
24.6
461
ns
µC
A
trr
(4)
Qrr
(4)
IRRM
(4)
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 80 A,
di/dt = 100 A/µs
VDD= 48 V, Tj = 150 °C
370
462.4
6.5
28.3
555
ns
µC
A


Similar Part No. - STRH100N6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRH100N10 STMICROELECTRONICS-STRH100N10 Datasheet
474Kb / 17P
   Rad-Hard 100 V, 48 A N-channel Power MOSFET
More results

Similar Description - STRH100N6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
   Rad-Hard N-channel 60 V, 30 A Power MOSFET
STRH8N10 STMICROELECTRONICS-STRH8N10 Datasheet
501Kb / 18P
   Rad-Hard N-channel 100 V, 6 A Power MOSFET
STRH100N10 STMICROELECTRONICS-STRH100N10 Datasheet
474Kb / 17P
   Rad-Hard 100 V, 48 A N-channel Power MOSFET
STRH40P10 STMICROELECTRONICS-STRH40P10 Datasheet
405Kb / 18P
   Rad-Hard P-channel 100 V, 34 A Power MOSFET
STRH12P10 STMICROELECTRONICS-STRH12P10 Datasheet
421Kb / 15P
   Rad-Hard 100 V, 12 A, P-channel Power MOSFET
May 2022 Rev 9
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
   Rad-hard 60 V, 0.6 A PNP transistor
DS6095 - Rev 14 - February 2022
logo
Sensitron
SRADM1002 SENSITRON-SRADM1002 Datasheet
190Kb / 2P
   JHERMETIC RAD HARD POWER MOSFET N-CHANNEL QUAD
SRADM1001 SENSITRON-SRADM1001 Datasheet
213Kb / 3P
   HERMETIC RAD HARD POWER N-CHANNEL MOSFET ARRAY
logo
STMicroelectronics
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
   Rad-Hard 60 A - 400 V fast recovery rectifier
June 2020 Rev 3
logo
Renesas Technology Corp
N0605N RENESAS-N0605N Datasheet
676Kb / 7P
   N-channel MOSFET 60 V, 80 A, 8.5 mΩ
2019.9.30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com