Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPMS1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPMS1
Description  Dual-channel 1-bit, 2 MHz, 1st order sigma-delta modulator with embedded PGA
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS1 Datasheet(HTML) 3 Page - STMicroelectronics

  STPMS1 Datasheet HTML 1Page - STMicroelectronics STPMS1 Datasheet HTML 2Page - STMicroelectronics STPMS1 Datasheet HTML 3Page - STMicroelectronics STPMS1 Datasheet HTML 4Page - STMicroelectronics STPMS1 Datasheet HTML 5Page - STMicroelectronics STPMS1 Datasheet HTML 6Page - STMicroelectronics STPMS1 Datasheet HTML 7Page - STMicroelectronics STPMS1 Datasheet HTML 8Page - STMicroelectronics STPMS1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
STPMS1
Schematic diagram
Doc ID 16524 Rev 2
3/23
1
Schematic diagram
Figure 1.
Block diagram
CIP
CIN
VIP
VIN
VCC
PGA
8x, 32x
1st ord
modulator
1st ord
ΣΔ
modulator
LDO
VDD
GND
BIAS
Ref
DIGITAL
FRONT
END
MS1
CLK
DAT
MS0
DATN
ΣΔ
AM07830v1
CIP
CIN
VIP
VIN
VCC
PGA
8x, 32x
1st ord
modulator
1st ord
ΣΔ
modulator
LDO
VDD
GND
BIAS
Ref
DIGITAL
FRONT
END
MS1
CLK
DAT
MS0
DATN
ΣΔ
AM07830v1


Similar Part No. - STPMS1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPMS1 STMICROELECTRONICS-STPMS1 Datasheet
713Kb / 23P
   Dual-channel 1-bit, 2 MHz, 1st order Dual-channel 1-bit, 2 MHz, 1st order
STPMS1BPQR STMICROELECTRONICS-STPMS1BPQR Datasheet
713Kb / 23P
   Dual-channel 1-bit, 2 MHz, 1st order Dual-channel 1-bit, 2 MHz, 1st order
More results

Similar Description - STPMS1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPMS1BPQR STMICROELECTRONICS-STPMS1BPQR Datasheet
713Kb / 23P
   Dual-channel 1-bit, 2 MHz, 1st order Dual-channel 1-bit, 2 MHz, 1st order
STPMS2L-PUR STMICROELECTRONICS-STPMS2L-PUR Datasheet
2Mb / 33P
   Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
STPMS2H-PUR STMICROELECTRONICS-STPMS2H-PUR Datasheet
2Mb / 33P
   Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
logo
Texas Instruments
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1204 TI1-AMC1204_15 Datasheet
1Mb / 37P
[Old version datasheet]   AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
logo
Analog Devices
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com