Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHF350 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RHF350
Description  Rad-hard 550 MHz low noise operational amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF350 Datasheet(HTML) 4 Page - STMicroelectronics

  RHF350 Datasheet HTML 1Page - STMicroelectronics RHF350 Datasheet HTML 2Page - STMicroelectronics RHF350 Datasheet HTML 3Page - STMicroelectronics RHF350 Datasheet HTML 4Page - STMicroelectronics RHF350 Datasheet HTML 5Page - STMicroelectronics RHF350 Datasheet HTML 6Page - STMicroelectronics RHF350 Datasheet HTML 7Page - STMicroelectronics RHF350 Datasheet HTML 8Page - STMicroelectronics RHF350 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Electrical characteristics
RHF350
4/23
Doc ID 15604 Rev 4
2
Electrical characteristics
Note:
All electrical parameters apply both pre and post irradiation. Post irradiation data are
guaranteed by qualification, they are not tested in production.
Table 4.
Radiations
Value
Unit
TID
High dose rate (50 - 300 rad / sec.) up to
300
krad
Heavy-ions
SEL immunity (at 125 °C) up to
SEU characterized up to
110
MeV.cm²/mg
Table 5.
Electrical characteristics for VCC = ±2.5 V, (unless otherwise specified)
Symbol
Parameter
Test conditions
Temp.(1)
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
+125 °C
-4
1
4
mV
+25 °C
-4
0.4
4
-55 °C
-4
0.8
4
Iib+
Non-inverting input bias
current
+125 °C
8.5
35
µA
+25 °C
9
35
-55 °C
9
35
Iib-
Inverting input bias current
+125 °C
2.5
25
µA
+25 °C
2
20
-55 °C
1.8
25
CMR
Common mode rejection ratio
20 log (
∆Vic/∆Vio)
∆Vic = ±1 V
+125 °C
50
55
dB
+25 °C
54
57
-55 °C
50
58
SVR
Supply voltage rejection ratio
20 log (
∆VCC/∆Vio)
∆VCC = 3.5 V to 5 V
+125 °C
55
87
dB
+25 °C
68
87
-55 °C
55
88
PSRR
Power supply rejection ratio
20 log (
∆VCC/∆Vout)
∆VCC =200 mVpp at 1 kHz
+25 °C
51
dB
ICC
Supply current
No load
+125 °C
3.8
4.9
mA
+25 °C
4
4.9
-55 °C
4
4.9


Similar Part No. - RHF350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF350A STMICROELECTRONICS-RHF350A Datasheet
1,011Kb / 26P
   Rad-hard 550 MHz low noise operational amplifier
Rev 8 - February 2020
More results

Similar Description - RHF350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF350A STMICROELECTRONICS-RHF350A Datasheet
1,011Kb / 26P
   Rad-hard 550 MHz low noise operational amplifier
Rev 8 - February 2020
RHF330A STMICROELECTRONICS-RHF330A Datasheet
810Kb / 26P
   Rad-hard 1 GHz low noise operational amplifier
Rev 8 - February 2020
RHF330 STMICROELECTRONICS-RHF330 Datasheet
748Kb / 22P
   Rad-hard 1 GHz low noise operational amplifier
RHF484 STMICROELECTRONICS-RHF484 Datasheet
317Kb / 18P
   Rad-hard precision quad operational amplifier
logo
Intersil Corporation
ISL70227SEH INTERSIL-ISL70227SEH Datasheet
1Mb / 18P
   36V Rad Hard Dual Precision Operational Amplifier
ISL70227SRH INTERSIL-ISL70227SRH Datasheet
1Mb / 14P
   36V Rad Hard Dual Precision Operational Amplifier
logo
STMicroelectronics
RHF43B STMICROELECTRONICS-RHF43B_11 Datasheet
654Kb / 16P
   Rad-hard precision bipolar single operational amplifier
TSH350 STMICROELECTRONICS-TSH350 Datasheet
383Kb / 21P
   550 MHz, Low Noise Current Feedback Amplifier
RHF310 STMICROELECTRONICS-RHF310 Datasheet
467Kb / 22P
   Rad-hard 400 關A high-speed operational amplifier
RHF310A STMICROELECTRONICS-RHF310A Datasheet
1Mb / 25P
   Rad-hard 400 關A high-speed operational amplifier
Rev 7 - February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com