Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV339IDT Datasheet(PDF) 3 Page - STMicroelectronics

Part # LMV339IDT
Description  General-purpose low voltage comparators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV339IDT Datasheet(HTML) 3 Page - STMicroelectronics

  LMV339IDT Datasheet HTML 1Page - STMicroelectronics LMV339IDT Datasheet HTML 2Page - STMicroelectronics LMV339IDT Datasheet HTML 3Page - STMicroelectronics LMV339IDT Datasheet HTML 4Page - STMicroelectronics LMV339IDT Datasheet HTML 5Page - STMicroelectronics LMV339IDT Datasheet HTML 6Page - STMicroelectronics LMV339IDT Datasheet HTML 7Page - STMicroelectronics LMV339IDT Datasheet HTML 8Page - STMicroelectronics LMV339IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LMV331, LMV393, LMV339
Absolute maximum ratings and operating conditions
Doc ID 16866 Rev 3
3/17
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
All voltage values, except the differential voltage, are referenced to Vcc-.
5.5
V
VID
Differential input voltage
± 5.5
V
VIN
Input voltage range
(VCC-) - 0.3 to (VCC+) + 0.3
V
Vout
Output voltage(1)
5.5
V
Rthja
Thermal resistance junction to ambient(2)
SC70-5
SOT23-5
SO-8
MiniSO-8
SO14
TSSOP14
2.
Short-circuits can cause excessive heating. These values are typical.
205
250
125
190
105
100
°C/W
Rthjc
Thermal resistance junction to case (2)
SC70-5
SOT23-5
SO-8
MiniSO-8
SO14
TSSOP14
172
81
40
39
31
32
°C/W
Tstg
Storage temperature
-65 to +150
°C
Tj
Junction temperature
150
°C
TLEAD
Lead temperature (soldering 10 seconds)
260
°C
ESD
Human body model (HBM)(3)
3.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2000
V
Machine model (MM)(4)
4.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
200
Charged device model (CDM)(5)
5.
Charged device model: all pins and package are charged together to the specified voltage and then
discharged directly to ground through only one pin. This is done for all pins.
1500
Latch-up immunity
200
mA
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
Toper
Operating temperature range
-40 to +85
°C
VCC
Supply voltage
-40°C < Tamb < +85°C
2.7 to 5.0
V


Similar Part No. - LMV339IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LMV339IDT STMICROELECTRONICS-LMV339IDT Datasheet
479Kb / 12P
   General-purpose low voltage comparator
More results

Similar Description - LMV339IDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV331-Q1 TI1-LMV331-Q1_14 Datasheet
779Kb / 15P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI-LMV331-Q1 Datasheet
297Kb / 12P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI-LMV331_11 Datasheet
1Mb / 29P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV339IPWRG4 TI-LMV339IPWRG4 Datasheet
1Mb / 30P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV393QDR TI-LMV393QDR Datasheet
764Kb / 14P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI1-LMV331_14 Datasheet
1Mb / 31P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI1-LMV331_15 Datasheet
1Mb / 39P
[Old version datasheet]   Quad General-purpose Low-voltage Comparators
logo
National Semiconductor ...
LMV331 NSC-LMV331 Datasheet
480Kb / 21P
   General Purpose, Low Voltage, TinyPack Comparators
logo
Maxim Integrated Produc...
MAX9647 MAXIM-MAX9647_12 Datasheet
2Mb / 11P
   General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 1; 1/12
logo
Texas Instruments
LMV331-N TI1-LMV331-N_15 Datasheet
1Mb / 38P
[Old version datasheet]   General-Purpose, Low-Voltage, Tiny Pack Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com