Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6360 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 6Page - STMicroelectronics L6360 Datasheet HTML 7Page - STMicroelectronics L6360 Datasheet HTML 8Page - STMicroelectronics L6360 Datasheet HTML 9Page - STMicroelectronics L6360 Datasheet HTML 10Page - STMicroelectronics L6360 Datasheet HTML 11Page - STMicroelectronics L6360 Datasheet HTML 12Page - STMicroelectronics L6360 Datasheet HTML 13Page - STMicroelectronics L6360 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
Absolute maximum ratings
L6360
10/65
Doc ID 022817 Rev 2
3
Absolute maximum ratings
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
VCLAMP
V
VSEL
Linear regulator selection pin voltage
-0.3 to 4
V
VDD
Linear regulator output voltage
5.5
V
VH
Linear regulator input voltage
VCC
V
VINC/Q, ENC/Q, ENL+ INC/Q, ENC/Q, ENL+ voltage
-0.3 to VDD + 0.3
V
VSDA, SCL, SA0, 1, 2 I
2C voltage
-0.3 to VDD + 0.3
V
VLED1, 2
LED1, 2 voltage
-0.3 to VDD + 0.3
V
VC/QI, VI/Q
C/QI, I/Q voltage
-0.3 to VCC + 0.3
V
VRST
Reset voltage
-0.3 to VDD + 0.3
V
VIRQ
IRQ voltage
-0.3 to VDD + 0.3
V
VRbias
External precision resistance voltage
-0.3 to 4
V
VESD
Electrostatic discharge (human body model)
2000
V
ICLAMP
Current through VCLAMP in surge test (1 kV, 500 Ω) condition
2
A
IC/QO, IL+
C/QO, L+ current (continuous)
Internally limited
A
IOUTC//Q, IOUTI/Q
OUTC/Q, OUTI/Q output current
± 5
mA
ISDA
I2C transmission data current (open drain pin)
10
mA
IIRQ
Interrupt request signal current
10
mA
ILED1, 2
LED1, 2 current
10
mA
Eload
L+ demagnetization energy
10
mJ
PTOT
Power dissipation at TC = 25 °C
Internally limited
W
PLR
Linear regulator power dissipation
200
mW
TJ
Junction operating temperature
Internally limited
°C
TSTG
Storage temperature
-55 to 150
°C


Similar Part No. - L6360

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6362 STMICROELECTRONICS-L6362 Datasheet
197Kb / 4P
   Fully integrated device transceiver IC
L6362A STMICROELECTRONICS-L6362A Datasheet
1Mb / 37P
   IO-Link communication transceiver device IC
L6363 STMICROELECTRONICS-L6363 Datasheet
86Kb / 4P
   PRML READ/WRITE CHANNEL
L6364 STMICROELECTRONICS-L6364 Datasheet
2Mb / 60P
   Dual channel transceiver IC for SIO and IO-Link sensor applications
October 2021 Rev 4
L6364Q STMICROELECTRONICS-L6364Q Datasheet
3Mb / 6P
   Dual channel IO-Link device expansion board based on L6364Q for STM32 Nucleo
September 2020
More results

Similar Description - L6360

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4075 STMICROELECTRONICS-AN4075 Datasheet
415Kb / 23P
   STEVAL-IFP016V2 IO-Link communication master transceiver
L6362A STMICROELECTRONICS-L6362A Datasheet
1Mb / 37P
   IO-Link communication transceiver device IC
logo
Maxim Integrated Produc...
MAX14824 MAXIM-MAX14824 Datasheet
2Mb / 28P
   IO-Link Master Transceiver
Rev 3; 5/12
logo
NXP Semiconductors
CM3120 NXP-CM3120 Datasheet
1Mb / 38P
   IO-link master transceiver
Rev. 1.0, 7/2016
logo
Maxim Integrated Produc...
MAX14824EVKIT MAXIM-MAX14824EVKIT Datasheet
1Mb / 12P
   IO-Link-Compliant Master Transceiver
Rev 2; 1/13
logo
Pepperl+Fuchs Inc.
IO-LINK-MASTER02-USB PF-IO-LINK-MASTER02-USB Datasheet
715Kb / 4P
   IO-Link Master
2020-06-30
logo
WAGO Kontakttechnik Gmb...
750-657 WAGO-750-657 Datasheet
555Kb / 13P
   IO-Link Master
logo
Pepperl+Fuchs Inc.
ICE1-8IOL-G30L-V1D PF-ICE1-8IOL-G30L-V1D Datasheet
857Kb / 4P
   IO-Link master
ICE1-8IOL-G60L-V1D PF-ICE1-8IOL-G60L-V1D Datasheet
969Kb / 4P
   IO-Link master
ICE1-8IOL-S2-G60L-V1D PF-ICE1-8IOL-S2-G60L-V1D Datasheet
601Kb / 3P
   IO-Link master
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com