Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD3410 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXD3410
Description  Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3410 Datasheet(HTML) 1 Page - Sony Corporation

  CXD3410 Datasheet HTML 1Page - Sony Corporation CXD3410 Datasheet HTML 2Page - Sony Corporation CXD3410 Datasheet HTML 3Page - Sony Corporation CXD3410 Datasheet HTML 4Page - Sony Corporation CXD3410 Datasheet HTML 5Page - Sony Corporation CXD3410 Datasheet HTML 6Page - Sony Corporation CXD3410 Datasheet HTML 7Page - Sony Corporation CXD3410 Datasheet HTML 8Page - Sony Corporation CXD3410 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
CXD3410GA
Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
Description
The CXD3410GA is a timing generator and CCD
signal processor IC for the ICX202/232, ICX224/284
CCD image sensor.
Features
• Timing generator functions
• Horizontal drive frequency 12 to 18MHz
(Base oscillation frequency 24 to 36MHz)
• Supports frame readout/draft (quadruple speed)
• High-speed/low-speed shutter function
• Horizontal and vertical drivers for CCD image
sensor
• CCD signal processor functions
• Correlated double sampling
• Programmable gain amplifier (PGA) allows gain
adjustment over a wide range (–6 to +42dB)
• 10-bit A/D converter
• Chip Scale Package (CSP):
CSP allows vast reduction in the CCD camera
block footprint
Applications
Digital still cameras
Structure
Silicon gate CMOS IC
Applicable CCD Image Sensors
ICX202 (1/3", 1250K pixels)
ICX232 (1/3.6", 1250K pixels)
ICX224 (1/2", 2020K pixels)
ICX284 (1/2.7", 2020K pixels)
Absolute Maximum Ratings
• Supply voltage
VDDa, VDDb, VDDc, VDDdVSS – 0.3 to +7.0
V
VDDe, VDDf, VDDgVSS – 0.3 to +4.0
V
VL
–10.0 to VSS
V
VH
VL – 0.3 to +26.0
V
• Input voltage (analog)
VIN
VSS – 0.3 to VDD + 0.3
V
• Input voltage (digital)
VI
VSS – 0.3 to VDD + 0.3
V
• Output voltage
VO1
VSS – 0.3 to VDD + 0.3
V
VO2
VL – 0.3 to VSS + 0.3
V
VO3
VL – 0.3 to VH + 0.3
V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–55 to +125
°C
Recommended Operating Conditions
• Supply voltage
VDDb
3.0 to 5.5
V
VDDa, VDDc, VDDd
3.0 to 3.6
V
VM
0.0
V
VH
14.5 to 15.5
V
VL
–7.0 to –8.0
V
VDDe, VDDf, VDDg
3.0 to 3.6
V
• Operating temperature
Topr
–20 to +75
°C
– 1 –
E00Z01A26
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
96 pin LFLGA (Plastic)


Similar Part No. - CXD3410

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3412 SONY-CXD3412 Datasheet
383Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3412GA SONY-CXD3412GA Datasheet
383Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
More results

Similar Description - CXD3410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXD3423GA ETC-CXD3423GA Datasheet
531Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
Sony Corporation
CXD3412GA SONY-CXD3412GA Datasheet
383Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3406GA SONY-CXD3406GA Datasheet
384Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3408GA SONY-CXD3408GA Datasheet
404Kb / 47P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3422GA SONY-CXD3422GA Datasheet
525Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD2497R SONY-CXD2497R Datasheet
387Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3619R SONY-CXD3619R Datasheet
37Kb / 2P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3605R SONY-CXD3605R Datasheet
344Kb / 36P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2498R SONY-CXD2498R Datasheet
554Kb / 51P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3615R SONY-CXD3615R Datasheet
461Kb / 43P
   Timing Generator for Frame Readout CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com