Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5401HR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N5401HR
Description  Hi-Rel PNP bipolar transistor 150 V, 0.5 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5401HR Datasheet(HTML) 1 Page - STMicroelectronics

  2N5401HR Datasheet HTML 1Page - STMicroelectronics 2N5401HR Datasheet HTML 2Page - STMicroelectronics 2N5401HR Datasheet HTML 3Page - STMicroelectronics 2N5401HR Datasheet HTML 4Page - STMicroelectronics 2N5401HR Datasheet HTML 5Page - STMicroelectronics 2N5401HR Datasheet HTML 6Page - STMicroelectronics 2N5401HR Datasheet HTML 7Page - STMicroelectronics 2N5401HR Datasheet HTML 8Page - STMicroelectronics 2N5401HR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
October 2012
Doc ID 16934 Rev 3
1/10
10
2N5401HR
Hi-Rel PNP bipolar transistor 150 V, 0.5 A
Datasheet — production data
Features
Hi-Rel PNP bipolar transistor
Linear gain characteristics
ESCC qualified
European preferred part list - EPPL
100 krad low dose rate
Radiation level: lot specific total dose contact
marketing for specified level
Description
The 2N5401HR is a silicon planar epitaxial PNP
transistor available in TO-18 and LCC-3
packages. It is specifically designed for
aerospace Hi-Rel applications and ESCC
qualified according to the 5202-014 specification.
In case of conflict between this datasheet and
ESCC detailed specification, the latter prevails.
Figure 1.
Internal schematic diagram
BVCEO
150 V
IC (max)
0.5 A
HFE at 10 V - 150 mA
> 60
Operating temperature range
-65°C to +200°C
TO-18
LCC-3
3
1
2
3
1
2
LCC-3UB
3
1
2
4
Table 1.
Device summary
Order codes
ESCC part num.
Quality level
Rad level Packages
Lead finish
Mass (g) EPPL
2N5401UB1
-
Eng. Model
LCC-3UB
Gold
0.06
-
2N5401SW
5202/014/05
ESCC Flight
100 krad
LCC-3
Solder Dip
0.06
Y
2N5401UB06
5202/014/06
ESCC Flight
LCC-3UB
Gold
0.06
-
2N5401UB07
5202/014/07
ESCC Flight
LCC-3UB
Solder Dip
0.06
-
SOC5401
-
Eng. Model
LCC-3
Gold
0.06
-
SOC5401HRB
5202/014/04 or 05
ESCC Flight
LCC-3
Gold/Solder Dip(1)
0.06
Y
2N5401/T1
-
Eng. Model
TO-18
Gold
0.40
-
2N5401HR
5202/014/01 or 02
ESCC Flight
TO-18
Gold/Solder Dip (1)
0.40
-
1.
Depending ESCC part number mentioned on the purchase order.
www.st.com


Similar Part No. - 2N5401HR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N5401 MOTOROLA-2N5401 Datasheet
177Kb / 6P
   Amplifier Transistor(PNP Silicon)
logo
Foshan Blue Rocket Elec...
2N5401 FOSHAN-2N5401 Datasheet
901Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Tiger Electronic Co.,Lt...
2N5401 TGS-2N5401 Datasheet
51Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
NXP Semiconductors
2N5401 PHILIPS-2N5401 Datasheet
43Kb / 8P
   PNP high-voltage transistor
1999 Apr 08
More results

Similar Description - 2N5401HR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5551HR STMICROELECTRONICS-2N5551HR Datasheet
286Kb / 10P
   Hi-Rel NPN bipolar transistor 160 V - 0.5 A
2N5153HR STMICROELECTRONICS-2N5153HR Datasheet
557Kb / 10P
   Hi-Rel PNP bipolar transistor 80 V - 5 A
2N2905AHR STMICROELECTRONICS-2N2905AHR Datasheet
165Kb / 8P
   Hi-Rel PNP bipolar transistor 60 V, 0.6 A
2N2907AHR STMICROELECTRONICS-2N2907AHR Datasheet
363Kb / 16P
   Hi-Rel 60 V - 0.6 A PNP transistor
2N5154HR STMICROELECTRONICS-2N5154HR Datasheet
556Kb / 10P
   Hi-Rel NPN bipolar transistor 80 V - 5 A
SOC2907A STMICROELECTRONICS-SOC2907A Datasheet
478Kb / 21P
   Hi-Rel 60 V, 0.6 A PNP transistor
2N2219AHR STMICROELECTRONICS-2N2219AHR Datasheet
133Kb / 9P
   Hi-Rel NPN bipolar transistor 40 V, 0.8 A
2N3700HR STMICROELECTRONICS-2N3700HR Datasheet
286Kb / 12P
   Hi-Rel 80 V - 1 A NPN bipolar transistor
2N3019HR STMICROELECTRONICS-2N3019HR Datasheet
166Kb / 9P
   Hi-Rel NPN bipolar transistor 80 V, 1 A
2N2920AHR STMICROELECTRONICS-2N2920AHR Datasheet
160Kb / 9P
   Hi-Rel NPN dual matched bipolar transistor 60 V - 0.03 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com