Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD3412 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXD3412
Description  Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3412 Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXD3412 Datasheet HTML 2Page - Sony Corporation CXD3412 Datasheet HTML 3Page - Sony Corporation CXD3412 Datasheet HTML 4Page - Sony Corporation CXD3412 Datasheet HTML 5Page - Sony Corporation CXD3412 Datasheet HTML 6Page - Sony Corporation CXD3412 Datasheet HTML 7Page - Sony Corporation CXD3412 Datasheet HTML 8Page - Sony Corporation CXD3412 Datasheet HTML 9Page - Sony Corporation CXD3412 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
– 6 –
CXD3412GA
Pin
No.
L3
L4
L5
L6
L7
L8
L9
M1
M2
M3
M4
M5
M6
M7
M8
M9
N1
N2
N3
N4
N5
N6
N7
N8
N9
Symbol
VSS4
VM
V1A
V3A
VSS1
SSGSL
VDD1
SCK1
VD
TEST1
V2
VH
VL
TEST2
RST
WEN
SEN1
HD
VSS6
V4
V1B
V3B
SUB
SNCSL
ID/EXP
I/O
O
O
I
I
I/O
I
O
I
I
O
I
I/O
O
O
O
O
I
O
Description
Timing generator block digital GND.
Timing generator block digital GND. (GND for vertical driver)
CCD vertical register clock output.
CCD vertical register clock output.
Timing generator block digital GND.
Internal SSG enable.
High: Internal SSG valid, Low: External sync valid
(With pull-down resistor)
Timing generator block digital power supply. (Power supply for common logic block)
Timing generator block serial interface clock input.
Schmitt trigger input.
Vertical sync signal input/output.
Timing generator block test input 1.
Normally fix to GND.
(With pull-down resistor)
CCD vertical register clock output.
Timing generator block 15.0V power supply. (Power supply for vertical driver)
Timing generator block –7.5V power supply. (Power supply for vertical driver)
Timing generator block test input 2.
Normally fix to GND.
(With pull-down resistor)
Timing generator block reset input.
High: Normal operation, Low: Reset control
Normally apply reset during power-on.
Schmitt trigger input/No protective diode on power supply side.
Memory write timing pulse output.
Timing generator block serial interface strobe input.
Schmitt trigger input.
Horizontal sync signal input/output.
Timing generator block digital GND.
CCD vertical register clock output.
CCD vertical register clock output.
CCD vertical register clock output.
CCD electronic shutter pulse output.
Control input used to switch sync system.
High: CKI sync, Low: MCKO sync
(With pull-down resistor)
Vertical direction line identification pulse output/exposure time identification pulse
output.
Switching possible using the serial interface data. (Default: ID)


Similar Part No. - CXD3412

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3410 SONY-CXD3410 Datasheet
403Kb / 49P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3410GA SONY-CXD3410GA Datasheet
403Kb / 49P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
More results

Similar Description - CXD3412

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXD3423GA ETC-CXD3423GA Datasheet
531Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
Sony Corporation
CXD3406GA SONY-CXD3406GA Datasheet
384Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3408GA SONY-CXD3408GA Datasheet
404Kb / 47P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3410GA SONY-CXD3410GA Datasheet
403Kb / 49P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3422GA SONY-CXD3422GA Datasheet
525Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD2497R SONY-CXD2497R Datasheet
387Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3619R SONY-CXD3619R Datasheet
37Kb / 2P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3605R SONY-CXD3605R Datasheet
344Kb / 36P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2498R SONY-CXD2498R Datasheet
554Kb / 51P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3615R SONY-CXD3615R Datasheet
461Kb / 43P
   Timing Generator for Frame Readout CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com