Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2S050TS-1FG144YI Datasheet(PDF) 4 Page - Microsemi Corporation

Part # M2S050TS-1FG144YI
Description  SmartFusion2 System-on-Chip FPGAs
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S050TS-1FG144YI Datasheet(HTML) 4 Page - Microsemi Corporation

  M2S050TS-1FG144YI Datasheet HTML 1Page - Microsemi Corporation M2S050TS-1FG144YI Datasheet HTML 2Page - Microsemi Corporation M2S050TS-1FG144YI Datasheet HTML 3Page - Microsemi Corporation M2S050TS-1FG144YI Datasheet HTML 4Page - Microsemi Corporation M2S050TS-1FG144YI Datasheet HTML 5Page - Microsemi Corporation M2S050TS-1FG144YI Datasheet HTML 6Page - Microsemi Corporation M2S050TS-1FG144YI Datasheet HTML 7Page - Microsemi Corporation M2S050TS-1FG144YI Datasheet HTML 8Page - Microsemi Corporation M2S050TS-1FG144YI Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 156 page
background image
SmartFusion2 System-on-Chip FPGAs
IV
Re vis i on 0
I/Os Per Package
Table 1 • SmartFusion2 SoC FPGA Product Family
Features
M2S005
M2S010
M2S025
M2S050
M2S080
M2S120
Logic Modules (4-Input LUT)
4,956
9,744
23,988
48,672
82,232
120,348
LSRAM 18K Blocks
10
21
31
69
160
236
uSRAM 1K Blocks
11
22
34
72
160
240
Total RAM (Bits)
191K
400K
592K
1,314K
3,040K
4,500K
Math Blocks
11
22
34
72
160
240
PLLs and CCCs
22
4
6
8
8
Cortex-M3 Processor + Instruction Cache
Yes
Yes
Yes
Yes
Yes
Yes
eNVM (Bytes)
128K
256K
256K
256K
512K
512K
eSRAM (Bytes)
64K
64K
64K
64K
64K
64K
eSRAM (Bytes non-SECDED)
80K
80K
80K
80K
80K
80K
CAN 2.0 A and B
11
1
1
1
1
Triple speed Ethernet 10/100/1000
11
1
1
1
1
USB 2.0 High Speed On-The-Go
11
1
1
1
1
Multi-Mode UART
22
2
2
2
2
SPI
22
2
2
2
2
I2C
22
2
2
2
2
Timer
22
2
2
2
2
DDR Controllers
1x18
1x18
1x18
2x36
2x36
2x36
SERDES Channels
0
4
4
8
8
16
PCIe Endpoint × 4
0
1
1
2
2
4
3.3 V Multi-Standard User I/Os (MSIOs)
123
123
159
139
292
292
MSIOD I/Os
28
40
40
62
106
106
DDRIO I/Os
66
70
90
176
176
176
Total User I/Os
217
233
289
377
574
574
SERDES I/Os
0
16
16
32
64
64
Total User I/Os + SERDES I/Os
217
249
305
409
638
638
Table 2 • I/Os per Package and Package Options
Package Options
VF400
FG484
FG896
FC1152
Pin Count
400
484
896
1,152
Ball Pitch (mm)
0.8
1.0
1.0
1.0
Length × Width (mm\mm)
17 × 17
23 × 23
31 × 31
35 × 35
I/Os
XCVRs
I/Os
XCVRs
I/Os
XCVRs
I/Os
XCVRs
M2S005
160
217
M2S010
160
4
233
4
M2S025
160
4
267
4
M2S050
160
4
267
4
377
8
M2S080
574
8
M2S120
574
16
Note:
User I/Os do not include the SERDES and JTAG pins.


Similar Part No. - M2S050TS-1FG144YI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M2S050 MICROSEMI-M2S050 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
More results

Similar Description - M2S050TS-1FG144YI

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com