Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N2222AHR Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2N2222AHR
Description  Hi-Rel 40 V - 0.8 A NPN transistor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2222AHR Datasheet(HTML) 3 Page - STMicroelectronics

  2N2222AHR Datasheet HTML 1Page - STMicroelectronics 2N2222AHR Datasheet HTML 2Page - STMicroelectronics 2N2222AHR Datasheet HTML 3Page - STMicroelectronics 2N2222AHR Datasheet HTML 4Page - STMicroelectronics 2N2222AHR Datasheet HTML 5Page - STMicroelectronics 2N2222AHR Datasheet HTML 6Page - STMicroelectronics 2N2222AHR Datasheet HTML 7Page - STMicroelectronics 2N2222AHR Datasheet HTML 8Page - STMicroelectronics 2N2222AHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2N2222AHR
Electrical ratings
Doc ID 16558 Rev 9
3/18
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCBO
Collector-base voltage (IE = 0)
75
V
VCEO
Collector-emitter voltage (IB = 0) for JANS devices
50
V
Collector-emitter voltage (IB = 0) for ESCC devices
40
V
VEBO
Emitter-base voltage (IC = 0)
6
V
IC
Collector current
0.8
A
PTOT
Total dissipation at Tamb ≤25 °C
ESCC:
TO-18
LCC-3 and LCC-3UB
LCC-3 and LCC-3UB (1)
JANS:
LCC-3UB
Total dissipation at Tcase ≤25 °C
ESCC:
TO-18
1.
When mounted on a 15 x 15 x 0.6 mm ceramic substrate.
0.5
0.5
0.73
0.5
1.8
W
Total dissipation at Tsp(IS) = 25 °C
JANS:
LCC-3UB
1
W
TSTG
Storage temperature
-65 to 200
°C
TJ
Max. operating junction temperature
200
°C
Table 3.
Thermal data
Symbol
Parameter
LCC-3
LCC-3UB
TO-18
Unit
RthJC
Thermal resistance junction-case (max) for JANS
-
-
°C/W
Thermal resistance junction-case (max) for
ESCC
-97
RthJSP(IS)
Thermal resistance junction-solder pad (infinite
sink) (max) for JANS
90
-
Thermal resistance junction-solder pad (infinite
sink) (max) for ESCC
--
RthJA
Thermal resistance junction-ambient (max) for
JANS
325
-
Thermal resistance junction-ambient (max) for
ESCC
350
240(1)
1.
When mounted on a 15 x 15 x 0.6 mm ceramic substrate.
350


Similar Part No. - 2N2222AHR

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
2N2222A FCI-2N2222A Datasheet
73Kb / 2P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2N2222A PHILIPS-2N2222A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
logo
List of Unclassifed Man...
2N2222A ETC2-2N2222A Datasheet
278Kb / 5P
   High Speed Switching Transistor
logo
Comset Semiconductor
2N2222A COMSET-2N2222A Datasheet
84Kb / 4P
   SWITCHING SILICON TRANSISTORS
logo
Foshan Blue Rocket Elec...
2N2222A FOSHAN-2N2222A Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
More results

Similar Description - 2N2222AHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2219AHR STMICROELECTRONICS-2N2219AHR Datasheet
133Kb / 9P
   Hi-Rel NPN bipolar transistor 40 V, 0.8 A
2N5154HR STMICROELECTRONICS-2N5154HR Datasheet
556Kb / 10P
   Hi-Rel NPN bipolar transistor 80 V - 5 A
2N5551HR STMICROELECTRONICS-2N5551HR Datasheet
286Kb / 10P
   Hi-Rel NPN bipolar transistor 160 V - 0.5 A
2N3700HR STMICROELECTRONICS-2N3700HR Datasheet
286Kb / 12P
   Hi-Rel 80 V - 1 A NPN bipolar transistor
2N3019HR STMICROELECTRONICS-2N3019HR Datasheet
166Kb / 9P
   Hi-Rel NPN bipolar transistor 80 V, 1 A
2N2920AHR STMICROELECTRONICS-2N2920AHR Datasheet
160Kb / 9P
   Hi-Rel NPN dual matched bipolar transistor 60 V - 0.03 A
2N2907AHR STMICROELECTRONICS-2N2907AHR Datasheet
363Kb / 16P
   Hi-Rel 60 V - 0.6 A PNP transistor
SOC2907A STMICROELECTRONICS-SOC2907A Datasheet
478Kb / 21P
   Hi-Rel 60 V, 0.6 A PNP transistor
2N2484HR STMICROELECTRONICS-2N2484HR Datasheet
306Kb / 12P
   Hi-Rel NPN bipolar transistor 60 V - 50 mA
2N5153HR STMICROELECTRONICS-2N5153HR Datasheet
557Kb / 10P
   Hi-Rel PNP bipolar transistor 80 V - 5 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com