Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD3412GA Datasheet(PDF) 10 Page - Sony Corporation

Part # CXD3412GA
Description  Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3412GA Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXD3412GA Datasheet HTML 6Page - Sony Corporation CXD3412GA Datasheet HTML 7Page - Sony Corporation CXD3412GA Datasheet HTML 8Page - Sony Corporation CXD3412GA Datasheet HTML 9Page - Sony Corporation CXD3412GA Datasheet HTML 10Page - Sony Corporation CXD3412GA Datasheet HTML 11Page - Sony Corporation CXD3412GA Datasheet HTML 12Page - Sony Corporation CXD3412GA Datasheet HTML 13Page - Sony Corporation CXD3412GA Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Measurement Circuit
C1: 3300pF
C2: 560pF
C3: 820pF
C4: 8pF
C5: 215pF
C6: 10pF
R1: 30
R2: 10
N1
N2
L4
L5
L6
N7
L7
N8
N9
M1
M2
M3
N4
N5
N6
M4
N3 L2 K2 K9 K8 K7 K1 L1 K3 J9 J8 J7 J3 J2 J1 H9 H8 H7 H3 H2 L3 G9 G8 G7
A2 A1 A3 A4 A5 A6 A7 A8 A9 B1 B2 B3 B4 B5 B6 B7 B9 B8 C1 C2 C3 C4 C5 C6
M5
M6
E1
L8
L9
M7
M8
M9
E8
D8
D7
D3
D2
D1
C9
C8
C7
F3
F2
G1
E9
D9
E7
G3
G2
H1
F9
F8
F7
F1
E3
E2
VD
CXD3412GA
V2
VH
VL
D9
SSGSL
VDD1
SCK1
VD
TEST1
V4
V1B
V3B
TEST2
RST
WEN
SEN1
HD
VM
V1A
V3A
SUB
VSS1
SNCSL
ID/EXP
CLPDMI
CLPOBI
ADCLK
XSHPI
XSHDI
PBLKI
DVDD2
DVSS3
ADCLKI
AVDD1
AVSS1
AVSS2
DVSS2
DVSS1
DVDD1
AVDD2
C2
C1
D6
D7
D8
CCDIN
C4
C3
Serial interface data
HD
+3.3V
+15.0V
–7.5V
C2
C2
C2
C2
C2
R1
R1
R1
R2
R1
R1
R1
C2
C2
C2
C2
C2
C2
C2
C2
C2
C1
C1
C1
C1
C1
C1
C2
C3
CKI
C6
C4
C5 C5
C6
C6


Similar Part No. - CXD3412GA

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3410 SONY-CXD3410 Datasheet
403Kb / 49P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3410GA SONY-CXD3410GA Datasheet
403Kb / 49P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
More results

Similar Description - CXD3412GA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXD3423GA ETC-CXD3423GA Datasheet
531Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
Sony Corporation
CXD3406GA SONY-CXD3406GA Datasheet
384Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3408GA SONY-CXD3408GA Datasheet
404Kb / 47P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3410GA SONY-CXD3410GA Datasheet
403Kb / 49P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3422GA SONY-CXD3422GA Datasheet
525Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD2497R SONY-CXD2497R Datasheet
387Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3619R SONY-CXD3619R Datasheet
37Kb / 2P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3605R SONY-CXD3605R Datasheet
344Kb / 36P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2498R SONY-CXD2498R Datasheet
554Kb / 51P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3615R SONY-CXD3615R Datasheet
461Kb / 43P
   Timing Generator for Frame Readout CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com