Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHPM6B15N120SL Datasheet(PDF) 2 Page - Motorola, Inc

Part # MHPM6B15N120SL
Description  Hybrid Power Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHPM6B15N120SL Datasheet(HTML) 2 Page - Motorola, Inc

  MHPM6B15N120SL Datasheet HTML 1Page - Motorola, Inc MHPM6B15N120SL Datasheet HTML 2Page - Motorola, Inc MHPM6B15N120SL Datasheet HTML 3Page - Motorola, Inc MHPM6B15N120SL Datasheet HTML 4Page - Motorola, Inc MHPM6B15N120SL Datasheet HTML 5Page - Motorola, Inc MHPM6B15N120SL Datasheet HTML 6Page - Motorola, Inc MHPM6B15N120SL Datasheet HTML 7Page - Motorola, Inc MHPM6B15N120SL Datasheet HTML 8Page - Motorola, Inc MHPM6B15N120SL Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MHPM6B10N120 MHPM6B15N120 MHPM6B25N120 SERIES
2
Motorola IGBT Device Data
MAXIMUM DEVICE RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Junction Temperature Range
TJ
– 40 to +150
°C
Short Circuit Duration (VCE = 720 V, TJ = 125°C)
tsc
10
ms
Isolation Voltage, Pin to Baseplate
VISO
2500
Vac
Operating Case Temperature Range
TC
– 40 to +95
°C
Storage Temperature Range
Tstg
– 40 to +150
°C
Mounting Torque — Heat Sink Mounting Holes
1.4
Nm
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
DC AND SMALL SIGNAL CHARACTERISTICS
Gate-Emitter Leakage Current (VCE = 0 V, VGE = ± 20 V)
IGES
± 20
µA
Collector-Emitter Leakage Current (VCE = 1200 V, VGE = 0 V)
ICES
5.0
100
µA
Gate-Emitter Threshold Voltage (VCE = VGE, IC = 1.0 mA)
VGE(th)
5.0
6.0
7.0
V
Collector-Emitter Breakdown Voltage (IC = 10 mA, VGE = 0 V)
V(BR)CES
1200
V
Collector-Emitter Saturation Voltage (IC = ICmax, VGE = 15 V)
TJ = 125°C
VCE(SAT)
1.7
2.35
2.69
2.9
V
Forward Transconductance
10A120
15A120
25A120
gfe
8.3
14
19
mho
Diode Forward Voltage (IF = IFmax, VGE = 0 V)
TJ = 125°C
VF
1.7
2.35
1.9
3.1
V
Input Capacitance (VCE = 10 V, VGE = 0 V, f = 1.0 MHz) 10A120
15A120
25A120
Cies
1880
2620
4770
pF
Input Gate Charge (VCE = 600 V, IC = ICmax, VGE = 15 V)10A120
15A120
25A120
QT
65
87
150
nC
INDUCTIVE SWITCHING CHARACTERISTICS (TJ = 25°C)
Recommended Gate Resistor (RG(on) = RG(off))
10A120
15A120
25A120
RG
82
82
68
W
Turn-On Delay Time (VCE = 600 V, IC = ICmax, VGE = 15 V)
10A120
15A120
25A120
td(on)
174
240
330
ns
Rise Time (VCE = 600 V, IC = ICmax, VGE = 15 V)
10A120
15A120
25A120
tr
84
105
150
ns
Turn–Off Delay Time (VCE = 600 V, IC = ICmax, VGE = 15 V)
10A120
15A120
25A120
td(off)
640
780
1060
ns
Fall Time (VCE = 600 V, IC = ICmax, VGE = 15 V)
10A120
15A120
25A120
tf
39
48
70
47
58
84
ns
Turn-On Energy (VCE = 600 V, IC = ICmax, VGE = 15 V)
10A120
15A120
25A120
Eon
1.5
2.7
4.6
1.8
3.3
5.6
mJ


Similar Part No. - MHPM6B15N120SL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHPM6B15A120D MOTOROLA-MHPM6B15A120D Datasheet
174Kb / 10P
   Hybrid Power Module
MHPM6B15E60D3 MOTOROLA-MHPM6B15E60D3 Datasheet
129Kb / 5P
   Hybrid Power Module
More results

Similar Description - MHPM6B15N120SL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHPM6B15E60D3 MOTOROLA-MHPM6B15E60D3 Datasheet
129Kb / 5P
   Hybrid Power Module
MHPM6B5A120D MOTOROLA-MHPM6B5A120D Datasheet
174Kb / 10P
   Hybrid Power Module
MHPM7A15A60A MOTOROLA-MHPM7A15A60A Datasheet
183Kb / 10P
   Hybrid Power Module
MHPM7A25S120DC3 MOTOROLA-MHPM7A25S120DC3 Datasheet
165Kb / 6P
   Hybrid Power Module
MHPM7A30E60DC3 MOTOROLA-MHPM7A30E60DC3 Datasheet
167Kb / 6P
   Hybrid Power Module
MHPM7A5S120DC3 MOTOROLA-MHPM7A5S120DC3 Datasheet
165Kb / 6P
   Hybrid Power Module
MHPM7B16A120B MOTOROLA-MHPM7B16A120B Datasheet
268Kb / 10P
   Hybrid Power Module
MHPM7B30A60B MOTOROLA-MHPM7B30A60B Datasheet
258Kb / 10P
   Hybrid Power Module
MHPM6B20E60D3 MOTOROLA-MHPM6B20E60D3 Datasheet
124Kb / 5P
   Hybrid Power Module
MHPM7A15S120DC3 MOTOROLA-MHPM7A15S120DC3 Datasheet
165Kb / 6P
   Hybrid Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com