Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP50R380CE Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IPP50R380CE
Description  500V Superjunction MOSFET for Consumer and Lighting Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP50R380CE Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IPP50R380CE Datasheet HTML 6Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 7Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 8Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 9Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 10Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 11Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 12Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 13Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
500V CoolMOS
TM CE
10
Application Note AN 2012-04
V1.0 April 2012
The MOSFET channel is turned ON and diverts a
portion of the current through the channel away
from the body diode, that is still forward conducting
(MOSFET can conduct current in both directions).
This lower current flowing through the body diode
will reduce the generation of minority carriers but
will not stop it.
The external circuitry reverses the current flow
through the device -> small amount of reverse
current flows in body diode (small due to the very
weak voltage generated by very low current flowing
in the low resistive channel, especially at light load
operation). Some minority carriers will be removed
from the p-n-junction, but not all due to a
conduction period that is short in relation to the
intrinsic carrier lifetime.
If the MOSFET completely turns ON the current will
be completely diverted to the channel, but if the
MOSFET turns OFF when there are still minority
carriers in the body diode the following happens:
The MOSFET will begin to block voltage imposing a
higher reverse voltage on the body diode, with high
dv/dt. The application of high reverse voltage on the
body diode will sweep the remaining carriers across
the junction very quickly. Minority carriers in the nepi
region are swept towards the p+ body. -> if this
current (flowing into RB, represented in Figure 5)
reaches a magnitude sufficient to activate the
intrinsic bipolar transistor, second breakdown will
occur destroying the MOSFET.
In a conventional MOSFET the hole current, fed by reverse recovery charge, flow laterally into the p doped
region crossing the area below the n region before they reach the top side of the device below the gate
electrode: so this current flows through RB of the parasitic bipolar structure, with the risk of forward biasing of
npn-junction and consequent triggering of parasitic BJT.


Similar Part No. - IPP50R380CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP50R380CE INFINEON-IPP50R380CE Datasheet
2Mb / 17P
   500V CoolMOS CE Power Transistor
Rev. 2.0, 2010-08-27
IPP50R380CE INFINEON-IPP50R380CE Datasheet
1Mb / 2P
   500V CoolMOS??CE Power MOSFET
10 / 2012
IPP50R380CE INFINEON-IPP50R380CE Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-06
IPP50R380CE INFINEON-IPP50R380CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-06-13
logo
Inchange Semiconductor ...
IPP50R380CE ISC-IPP50R380CE Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPP50R380CE

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
WLP4958124A02 TAOGLAS-WLP4958124A02 Datasheet
860Kb / 12P
   For Wi-Fi Industrial and Consumer Applications
logo
IXYS Corporation
IXKK85N60C IXYS-IXKK85N60C Datasheet
110Kb / 4P
   CoolMOSTM Superjunction MOSFET
logo
Freescale Semiconductor...
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
logo
NXP Semiconductors
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
STMicroelectronics
ST25R3916B STMICROELECTRONICS-ST25R3916B Datasheet
2Mb / 165P
   NFC reader for payment, consumer and industrial applications
March 2023 Rev 7
logo
Freescale Semiconductor...
MCIMX257DJM4A FREESCALE-MCIMX257DJM4A Datasheet
2Mb / 153P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX515DJM8CR2 FREESCALE-MCIMX515DJM8CR2 Datasheet
4Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
MCIMX25 FREESCALE-MCIMX25_09 Datasheet
3Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
logo
NXP Semiconductors
IMX51CEC NXP-IMX51CEC Datasheet
3Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
Rev. 6, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com