Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALN1100R2 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN1100R2
Description  Internally Matched LNA Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN1100R2 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN1100R2 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN1100R2 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN1100R2 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN1100R2 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
December 2009
plerow
TM ALN1100R2
Internally Matched LNA Module
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at room temperature.
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at Vs= 5V.
950 MHz
1100 MHz
1250 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
4.50 V
33.03
-16.25
-19.85
32.71
2.42
-20.18
-26.95
30.61
-17.57
-20.54
4.75 V
33.26
-16.18
-19.94
32.96
2.41
-20.70
-27.04
30.85
-18.02
-20.74
5.00 V
33.42
-16.00
-20.23
33.13
2.41
-21.11
-26.93
31.01
-18.27
-20.89
5.25 V
33.54
-15.99
-20.95
33.23
2.45
-21.36
-26.35
31.09
-18.50
-21.07
5.50 V
33.53
-15.90
-21.71
33.28
2.40
-21.73
-25.59
31.13
-18.78
-21.03
950 MHz
1100 MHz
1250 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
4.50 V
32.70
20.32
0.693
32.38
20.57
0.646
31.05
19.43
0.612
4.75 V
33.34
21.00
0.702
33.45
21.17
0.650
32.15
20.39
0.614
5.00 V
34.61
21.55
0.708
34.23
21.76
0.652
33.02
21.08
0.614
5.25 V
34.62
21.97
0.707
34.18
22.18
0.663
33.05
21.52
0.617
5.50 V
34.68
22.43
0.710
34.15
22.54
0.672
33.12
21.87
0.626
950 MHz
1100 MHz
1250 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
-45 °C
34.65
-12.54
-16.47
34.70
2.34
-16.42
-29.72
32.31
-15.43
-21.40
-10 °C
34.23
-14.38
-17.83
34.12
2.23
-19.22
-27.89
32.00
-17.50
-21.04
25 °C
33.67
-15.30
-19.72
33.48
2.33
-20.61
-28.56
31.34
-18.17
-21.32
60 °C
33.35
-16.65
-21.54
32.98
2.46
-20.77
-27.32
30.89
-17.75
-20.90
85 °C
32.85
-17.75
-23.53
32.38
2.58
-20.00
-26.22
30.27
-16.89
-20.13
950 MHz
1100 MHz
1250 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
-45 °C
35.73
22.55
0.427
35.50
22.61
0.389
34.45
22.03
0.345
-10 °C
35.45
22.51
0.558
35.10
22.78
0.502
34.05
21.87
0.475
25 °C
34.75
21.75
0.710
34.20
22.00
0.658
33.12
21.15
0.625
60 °C
33.87
21.32
0.890
33.12
20.72
0.820
32.20
20.20
0.801
85 °C
32.40
20.28
0.941
31.82
20.25
0.877
31.65
19.85
0.853
RF Performance with Operating Temperature
RF Performance with Voltage Change


Similar Part No. - ALN1100R2

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALN1100R2 ASB-ALN1100R2 Datasheet
289Kb / 4P
   Internally Matched LNA Module
August 2017
ALN1100R2 ASB-ALN1100R2_13 Datasheet
680Kb / 4P
   Internally Matched LNA Module
December 2009
ALN1100R2 ASB-ALN1100R2_17 Datasheet
289Kb / 4P
   Internally Matched LNA Module
August 2017
More results

Similar Description - ALN1100R2

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALE2350T2 ASB-ALE2350T2 Datasheet
413Kb / 3P
   Internally Matched LNA Module
July 2009
ALE3025T2 ASB-ALE3025T2 Datasheet
415Kb / 3P
   Internally Matched LNA Module
April 2010
ALN0910 ASB-ALN0910 Datasheet
421Kb / 3P
   Internally Matched LNA Module
August 2011
ALN1220AT ASB-ALN1220AT Datasheet
443Kb / 4P
   Internally Matched LNA Module
June 2009
ALN1956 ASB-ALN1956_13 Datasheet
481Kb / 3P
   Internally Matched LNA Module
June 2010
ALN1972T2 ASB-ALN1972T2 Datasheet
597Kb / 3P
   Internally Matched LNA Module
January 2009
ALN2045 ASB-ALN2045_13 Datasheet
750Kb / 4P
   Internally Matched LNA Module
September 2007
ALN2047 ASB-ALN2047_13 Datasheet
620Kb / 3P
   Internally Matched LNA Module
November 2008
ALN2332 ASB-ALN2332_13 Datasheet
727Kb / 4P
   Internally Matched LNA Module
November 2008
ALN1880AT ASB-ALN1880AT_13 Datasheet
474Kb / 3P
   Internally Matched LNA Module
November 2008
ALN1945T2 ASB-ALN1945T2_13 Datasheet
618Kb / 3P
   Internally Matched LNA Module
December 2007
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com