Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB057N06N Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPB057N06N
Description  New OptiMOS??40V and 60V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB057N06N Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPB057N06N Datasheet HTML 1Page - Infineon Technologies AG IPB057N06N Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief
Published by
Infineon Technologies Austria AG
9500 Villach, Austria
© 2011 Infineon Technologies AG.
All Rights Reserved.
Visit us:
www.infineon.com
Order Number: B152-H9681-X-X-7600-DB2012-0002
Date: 07 / 2012
Attention pleAse!
The information given in this document shall in no event
be regarded as a guarantee of conditions or characteristics
(“Beschaffenheitsgarantie”). With respect to any examples
or hints given herein, any typical values stated herein and/
or any information regarding the application of the device,
Infineon Technologies hereby disclaims any and all warran-
ties and liabilities of any kind, including without limita-
tion warranties of non-infringement of intellectual property
rights of any third party.
informAtion
For further information on technology, delivery terms and
conditions and prices please contact your nearest Infineon
Technologies Office (www.infineon.com).
WArnings
Due to technical requirements components may contain
dangerous substances. For information on the types in
question please contact your nearest Infineon Technologies
Office. Infineon Technologies Components may only be
used in life-support devices or systems with the express
written approval of Infineon Technologies, if a failure of
such components can reasonably be expected to cause
the failure of that life-support device or system, or to affect
the safety or effectiveness of that device or system. Life
support devices or systems are intended to be implanted
in the human body, or to support and/or maintain and
sustain and/or protect human life. If they fail, it is reason-
able to assume that the health of the user or other persons
may be endangered.
New OptiMOS™ 40V and 60V
Shrink Your Design and Boost Efficiency
Infineon is the first semiconductor company to introduce a 1mΩ 40V MOSFET in a SuperSO8 package.
This cuts the number of MOSFETs in the Synchronous Rectification of a 1000W server power supply by half.
No more paralleling is needed and power density can be increased drastically. A monolithic integrated
Schottky-like diode reduces the reverse recovery charge (Q
rr) in the relevant current range for Synchronous
Rectification. This leads to lower conduction losses and higher efficiency in the system. Furthermore a
drastic reduction of the voltage overshoot reduces the need for a snubber circuit and saves engineering
cost and effort.
Performance comparison of Best in class new OptiMOS™ 60V vs. next best competitor
Product Portfolio New OptiMOS™
SuperSO8
S308
TO-220
I²PAK
D2PAK
D2PAK 7pin
DPAK
1-2 mΩ
BSC016N06NS
IPI020N06N
IPB010N06N
BSC014N06NS
IPB014N06N
2-4 mΩ
BSC028N06NS
IPP020N06N
IPI029N06N
IPB026N06N
BSC039N06NS
IPP029N06N
IPD025N06N
4-6 mΩ
BSZ042N06NS
IPP040N06N
IPB057N06N
6-8 mΩ
IPP060N06N
IPD053N06N
1-2 mΩ
BSC010N04LS
BSC010N04LSI*
BSC014N04LS
BSC014N04LSI*
2-3 mΩ
BSZ023N04LS
*Monolithic integrated Schottky like diode
85
86
87
88
89
90
200
300
400
500
600
Output Power [W]
50
52
54
56
58
50
150250
350450
550
Output Power [W]
Infineon
Competitor
Infineon
Competitor
optimos™ 60V in the secondary side rectification of a 750W/12V server power supply leads to 0.3% higher system
efficiency and reduces the voltage overshoot up to 2V.


Similar Part No. - IPB057N06N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB057N06N INFINEON-IPB057N06N Datasheet
614Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.2 2012-12-20
logo
Inchange Semiconductor ...
IPB057N06N ISC-IPB057N06N Datasheet
263Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPB057N06N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ063N04LS6 INFINEON-BSZ063N04LS6 Datasheet
1Mb / 11P
   OptiMOS 6 Power-Transistor,40V
Rev.2.1, 2021-04-27
logo
Taiwan Semiconductor Co...
SBS24 TSC-SBS24 Datasheet
222Kb / 4P
   2A, 40V - 60V Schottky Bridge Rectifiers
logo
SHIKUES Electronics
SKM240-MST SKTECHNOLGY-SKM240-MST Datasheet
476Kb / 3P
   2.0A Surface Mount Schottky Barrier Rectifiers - 40V-60V
logo
PACELEADER INDUSTRIAL
PFM0540-M PACELEADER-PFM0540-M Datasheet
938Kb / 5P
   0.5A Surface Mount Schottky Barrier Rectifiers-40V~60V
logo
Sanken electric
SPJ-63S SANKEN-SPJ-63S Datasheet
25Kb / 1P
   Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V
logo
Tyco Electronics
C-1393190 MACOM-C-1393190 Datasheet
1Mb / 3P
   add new type and modify mistake
logo
SeCoS Halbleitertechnol...
SM14T SECOS-SM14T Datasheet
526Kb / 2P
   40V / 60V / 100 V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Rohm
RK7002 ROHM-RK7002 Datasheet
112Kb / 4P
   Interface and switching (60V, 115mA)
RK7002T116 ROHM-RK7002T116 Datasheet
115Kb / 4P
   Interface and switching (60V, 115mA)
logo
Broadcom Corporation.
HLMP-CX1A BOARDCOM-HLMP-CX1A Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com