Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPA50R190CE Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IPA50R190CE
Description  500V Superjunction MOSFET for Consumer and Lighting Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA50R190CE Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IPA50R190CE Datasheet HTML 7Page - Infineon Technologies AG IPA50R190CE Datasheet HTML 8Page - Infineon Technologies AG IPA50R190CE Datasheet HTML 9Page - Infineon Technologies AG IPA50R190CE Datasheet HTML 10Page - Infineon Technologies AG IPA50R190CE Datasheet HTML 11Page - Infineon Technologies AG IPA50R190CE Datasheet HTML 12Page - Infineon Technologies AG IPA50R190CE Datasheet HTML 13Page - Infineon Technologies AG IPA50R190CE Datasheet HTML 14Page - Infineon Technologies AG IPA50R190CE Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
500V CoolMOS
TM CE
11
Application Note AN 2012-04
V1.0 April 2012
Figure 5: BJT-Effect
As visible in Figure 5 (right) in a CoolMOS
TM the hole current flows upwards through the p doped column,
before it reaches the metalized contact, but no lateral current will pass through the p doped well and
therefore no current flows through RB reducing the possibility of triggering the BJT-Effect to nearly zero.
Now that the basics of the SJ MOSFET have been discussed, this paper is going to continue with technology
parameters and their influence on the applications in the specific topologies.
3
Technology Parameters
3.1
Gate Charge (Qg)
One of the most important improvements is the Qg reduction which brings benefits especially in light load
conditions due to reduced driving losses. In general the 500V CE has about 40% Qg reduction in comparison
to an comparable standard MOSFET over the whole RDS(on) range. Figure 6 shows the Qg in nC of the 500V
CE against a standard MOSFET over the RDS(on),max range from 190mΩ to 950mΩ.


Similar Part No. - IPA50R190CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA50R190CE INFINEON-IPA50R190CE Datasheet
1Mb / 2P
   500V CoolMOS??CE Power MOSFET
10 / 2012
IPA50R190CE INFINEON-IPA50R190CE Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2
IPA50R190CE INFINEON-IPA50R190CE Datasheet
977Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
logo
Inchange Semiconductor ...
IPA50R190CE ISC-IPA50R190CE Datasheet
260Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPA50R190CE INFINEON-IPA50R190CE_15 Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2
More results

Similar Description - IPA50R190CE

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
WLP4958124A02 TAOGLAS-WLP4958124A02 Datasheet
860Kb / 12P
   For Wi-Fi Industrial and Consumer Applications
logo
IXYS Corporation
IXKK85N60C IXYS-IXKK85N60C Datasheet
110Kb / 4P
   CoolMOSTM Superjunction MOSFET
logo
Freescale Semiconductor...
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
logo
NXP Semiconductors
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
STMicroelectronics
ST25R3916B STMICROELECTRONICS-ST25R3916B Datasheet
2Mb / 165P
   NFC reader for payment, consumer and industrial applications
March 2023 Rev 7
logo
Freescale Semiconductor...
MCIMX257DJM4A FREESCALE-MCIMX257DJM4A Datasheet
2Mb / 153P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX515DJM8CR2 FREESCALE-MCIMX515DJM8CR2 Datasheet
4Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
MCIMX25 FREESCALE-MCIMX25_09 Datasheet
3Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
logo
NXP Semiconductors
IMX51CEC NXP-IMX51CEC Datasheet
3Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
Rev. 6, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com