Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC4300 Datasheet(PDF) 2 Page - ebm-papst

Part # AC4300
Description  ACmaxx / i-maxx
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

AC4300 Datasheet(HTML) 2 Page - ebm-papst

  AC4300 Datasheet HTML 1Page - ebm-papst AC4300 Datasheet HTML 2Page - ebm-papst AC4300 Datasheet HTML 3Page - ebm-papst AC4300 Datasheet HTML 4Page - ebm-papst AC4300 Datasheet HTML 5Page - ebm-papst AC4300 Datasheet HTML 6Page - ebm-papst AC4300 Datasheet HTML 7Page - ebm-papst AC4300 Datasheet HTML 8Page - ebm-papst AC4300 Datasheet HTML 9Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ACmaxx / i-maxx
Progress made by ebm-papst
The best example: The ACmaxx fans from ebm-papst, which, thanks to an
ingenious yet simple improvement over conventional AC fans, provide
substantial benefits.
The aim in developing the new ACmaxx series was to raise the technology
standard of the conventional AC fan significantly and, in the process, facil-
itate the transition to the new technology by retaining the overall mount-
ing dimensions. In short, to ensure the fans can be replaced 1:1 without
any peripheral changes or changes to the voltage situation.
ebm-papst offers two generations of ACmaxx products that meet different
needs.
Long service life
The efficiency of ACmaxx and i-maxx motors is up to 75% higher than that
of conventional AC fan variants. This not only saves energy, it also means
less intrinsic heating in the motor. The reduced heating has a direct, positi-
ve effect on the bearing system, which is why the fans have a service life
that is up to 85% longer! This also lengthens the service and maintenance
intervals significantly. The expense of replacement fans, and even more
expensive downtimes, are kept to a manageable minimum.
Technical information
AC Standard
10000
20000
30000
40000
50000
60000
70000
80000
ACmaxx
70000
37500
88% increase
in life time
h
126
What ACmaxx and i-maxx have in common:
Energy efficiency
The drive concept is based on state-of-the-art GreenTech EC technology
with outstanding motor efficiency. Compared to AC fans of the same size,
ACmaxx energy consumption is up to 77% lower–for higher cooling capa-
city! The energy balance alone means that the products pay for themsel-
ves after only a few months. The savings over the entire service life, espe-
cially in systems with multiple fans, is considerable.
0
0
2
3
1
20
40
60
[ EUR ]
Years
AC
4000
N
AC 4300
ACi 4400
Independent of mains frequency and mains voltage
The ACmaxx and i-maxx fans are prepared for direct connection to all AC
voltages and frequencies. The speed, and thus important properties of the
fan such as air flow and noise, are independent of the power frequency
and do not change, even within the defined voltage range. Voltage fluctua-
tions in the power system are automatically compensated for.
AC
ACmaxx
i-maxx
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage
18.01.2011
14:19
Seite 126


Similar Part No. - AC4300

ManufacturerPart #DatasheetDescription
logo
ebm-papst
AC4300H EBMPAPST-AC4300H Datasheet
185Kb / 1P
   TUBEAXIAL
AC4300H EBMPAPST-AC4300H Datasheet
279Kb / 4P
   AC axial compact fan
AC4300H EBMPAPST-AC4300H_12 Datasheet
279Kb / 4P
   AC axial compact fan
More results

Similar Description - AC4300

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
EDR3909-K-V-8P-LP FERYSTER-EDR3909-K-V-8P-LP Datasheet
208Kb / 1P
   IMPORT I DYSTRYBUCJA IMPORT I DYSTRYBUCJA
logo
THine Electronics, Inc.
THCS131 THINE-THCS131_15 Datasheet
527Kb / 11P
   I/OSpreader
THCS133 THINE-THCS133_15 Datasheet
496Kb / 11P
   I/OSpreader
THCS132 THINE-THCS132_15 Datasheet
735Kb / 20P
   I/OSpreader
logo
PHOENIX CONTACT
2901998 PHOENIX-2901998 Datasheet
91Kb / 5P
   Signal conditioner - MINI MCR-2-I-I
2864406 PHOENIX-2864406 Datasheet
99Kb / 5P
   Signal conditioner - MINI MCR-SL-I-I
logo
New Jersey Semi-Conduct...
1N482B NJSEMI-1N482B Datasheet
67Kb / 1P
   SI RECTIFIER, 100MA < I(O)/I(F) < 200MA
1N6627 NJSEMI-1N6627 Datasheet
83Kb / 1P
   FAST RECTIFIER, 1A < I(O) / I(F) < 2A
1N3882 NJSEMI-1N3882 Datasheet
103Kb / 1P
   Fast Rectifier, 5A < I(O) / I(F) <10A
logo
PHOENIX CONTACT
2864723 PHOENIX-2864723 Datasheet
92Kb / 5P
   Signal conditioner - MINI MCR-SL-I-I-SP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com