Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD3400N Datasheet(PDF) 2 Page - Sony Corporation

Part # CXD3400N
Description  6-channel CCD Vertical Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3400N Datasheet(HTML) 2 Page - Sony Corporation

  CXD3400N Datasheet HTML 1Page - Sony Corporation CXD3400N Datasheet HTML 2Page - Sony Corporation CXD3400N Datasheet HTML 3Page - Sony Corporation CXD3400N Datasheet HTML 4Page - Sony Corporation CXD3400N Datasheet HTML 5Page - Sony Corporation CXD3400N Datasheet HTML 6Page - Sony Corporation CXD3400N Datasheet HTML 7Page - Sony Corporation CXD3400N Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
– 2 –
CXD3400N
Block Diagram
11
12
13
14
15
16
17
18
19
20
1
2
3
4
5
6
7
8
9
10
GND
V2
V4
V1A
VH
V1B
V3A
VL
V3B
SHT
XV2
XV4
XSG1A
XSG1B
XV1
XSG3A
XSG3B
XV3
XSHT
VDD
Input Buffer
Pin Description
Pin
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
VDD
XSHT
XV3
XSG3B
XSG3A
XV1
XSG1B
XSG1A
XV4
XV2
GND
V2
V4
V1A
VH
V1B
V3A
VL
V3B
SHT
Symbol
I
I
I
I
I
I
I
I
I
O
O
O
O
O
O
O
I/O
Input power supply (3.3V system)
SHT pulse input
V3A and V3B transfer pulse input
V3B readout pulse input
V3A readout pulse input
V1A and V1B readout pulse input
V1B readout pulse input
V1A readout pulse input
V4 transfer pulse input
V2 transfer pulse input
GND (= VM)
High voltage output (2 levels: VM, VL)
High voltage output (2 levels: VM, VL)
High voltage output (3 levels: VH, VM, VL)
Positive power supply for high voltage output (15V system)
High voltage output (3 levels: VH, VM, VL)
High voltage output (3 levels: VH, VM, VL)
Negative power supply for high voltage output (–7.5V system)
High voltage output (3 levels: VH, VM, VL)
High voltage output (2 levels: VH, VL)
Functions


Similar Part No. - CXD3400N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3406GA SONY-CXD3406GA Datasheet
384Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3408 SONY-CXD3408 Datasheet
404Kb / 47P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3408GA SONY-CXD3408GA Datasheet
404Kb / 47P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
More results

Similar Description - CXD3400N

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V806 HOLTEK-HT82V806 Datasheet
88Kb / 9P
   CCD 6 Channel Vertical Driver
logo
Sony Corporation
CXD1268M SONY-CXD1268M Datasheet
112Kb / 7P
   CCD Vertical Clock Driver
CXD1267AN SONY-CXD1267AN Datasheet
124Kb / 8P
   CCD Vertical Clock Driver
logo
ON Semiconductor
LV5609V ONSEMI-LV5609V Datasheet
96Kb / 8P
   Vertical Clock Driver for CCD
August, 2013
LV5609LP ONSEMI-LV5609LP Datasheet
97Kb / 8P
   Vertical Clock Driver for CCD
August, 2013
logo
Sanyo Semicon Device
LV5609LP SANYO-LV5609LP_10 Datasheet
127Kb / 8P
   For CCD Vertical Clock Driver
LB8901M SANYO-LB8901M Datasheet
121Kb / 5P
   CCD Clock Driver
LB8904M SANYO-LB8904M Datasheet
110Kb / 5P
   CCD Clock Driver?
logo
Sony Corporation
CXD1250M SONY-CXD1250M Datasheet
154Kb / 7P
   Vertical Clock Driver for CCD Image sensor
CDX1250 SONY-CDX1250 Datasheet
109Kb / 7P
   Vertical Clock Driver for CCD Image sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com