Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XBDAWT-00-0000-00000LBE7 Datasheet(PDF) 9 Page - Cree, Inc

Part # XBDAWT-00-0000-00000LBE7
Description  Cree짰 XLamp짰 XB-D LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XBDAWT-00-0000-00000LBE7 Datasheet(HTML) 9 Page - Cree, Inc

Back Button XBDAWT-00-0000-00000LBE7 Datasheet HTML 5Page - Cree, Inc XBDAWT-00-0000-00000LBE7 Datasheet HTML 6Page - Cree, Inc XBDAWT-00-0000-00000LBE7 Datasheet HTML 7Page - Cree, Inc XBDAWT-00-0000-00000LBE7 Datasheet HTML 8Page - Cree, Inc XBDAWT-00-0000-00000LBE7 Datasheet HTML 9Page - Cree, Inc XBDAWT-00-0000-00000LBE7 Datasheet HTML 10Page - Cree, Inc XBDAWT-00-0000-00000LBE7 Datasheet HTML 11Page - Cree, Inc XBDAWT-00-0000-00000LBE7 Datasheet HTML 12Page - Cree, Inc XBDAWT-00-0000-00000LBE7 Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Copyright © 2011-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
9
xlamp xB-D leDs
thermal desiGN
The maximum forward current is determined by the thermal resistance between the LeD junction and ambient. It is
crucial for the end product to be designed in a manner that minimizes the thermal resistance from the solder point to
ambient in order to optimize lamp life and optical characteristics.
white
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
Ambient Temperature (ºC)
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
Thermal
royal blue, blue
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
Ambient Temperature (ºC)
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
White
royal Blue, Blue
green
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
Ambient Temperature (ºC)
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
amber
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
Ambient Temperature (ºC)
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
amber
Green
red-orange, red
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
Ambient Temperature (ºC)
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
red-orange, red
9


Similar Part No. - XBDAWT-00-0000-00000LBE7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDAWT-00-0000-00000LBE7 CREE-XBDAWT-00-0000-00000LBE7 Datasheet
1Mb / 17P
   XLAMP XB-D LEDS
XBDAWT-00-0000-00000LBE7 CREE-XBDAWT-00-0000-00000LBE7 Datasheet
1,020Kb / 12P
   XLAMP XB-D WHITE LEDS
XBDAWT-00-0000-00000LBE7 CREE-XBDAWT-00-0000-00000LBE7 Datasheet
1Mb / 18P
   XLAMP XB-D LEDS
XBDAWT-00-0000-00000LBE7 CREE-XBDAWT-00-0000-00000LBE7 Datasheet
1Mb / 19P
   XLamp XB-D LEDs
More results

Similar Description - XBDAWT-00-0000-00000LBE7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-AP90 CREE-CLD-AP90 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XB-D LEDs
CLD-DS45 CREE-CLD-DS45 Datasheet
1,020Kb / 12P
   Cree짰 XLamp짰 XB-D White LEDs
CLD-AP91 CREE-CLD-AP91 Datasheet
1Mb / 13P
   Cree짰 XLamp짰 XB-D White LEDs
XD16 CREE-XD16 Datasheet
2Mb / 29P
   Cree짰 XLamp짰 XD16 LEDs
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MX6AWT-A1-0000-000C51 CREE-MX6AWT-A1-0000-000C51 Datasheet
955Kb / 10P
   Cree짰 XLamp짰 MX-6 LEDs
XPBL CREE-XPBL Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com