Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC3200J Datasheet(PDF) 9 Page - ebm-papst

Part # AC3200J
Description  ACmaxx / i-maxx
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

AC3200J Datasheet(HTML) 9 Page - ebm-papst

Back Button AC3200J Datasheet HTML 5Page - ebm-papst AC3200J Datasheet HTML 6Page - ebm-papst AC3200J Datasheet HTML 7Page - ebm-papst AC3200J Datasheet HTML 8Page - ebm-papst AC3200J Datasheet HTML 9Page - ebm-papst AC3200J Datasheet HTML 10Page - ebm-papst AC3200J Datasheet HTML 11Page - ebm-papst AC3200J Datasheet HTML 12Page - ebm-papst AC3200J Datasheet HTML 13Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
133
50
100
25
50
75
150
150
200
100
125
250
0
3 0
6 0
9 0
120
150
m³/h
CFM
1
Highlights:
– Universally suitable for all AC voltages between 85 and 265 V.
– Fan speed independent of power frequency.
– Significantly reduced power consumption compared to conventional AC fans.
– Open loop speed control, sensor and alarm signal possible on request.
– Rigid compression curve for high air flow at high back pressure.
– Innovative impeller with winglets for low noise levels.
General attributes:
– Material: fibreglass-reinforced plastic. PA impeller, PBTP housing.
– Fully integrated electronic commutation. Protected against locking.
– Connection via single strands AWG 22, TR 64. Bared and tin-plated.
– Air exhaust over struts. Direction of rotation counter-clockwise, seen on rotor.
– Mass: 370 g..
ACmaxx axial fans
Series AC 4400 FN
119 x 119 x 25 mm
Nominal data
Type
m3/h
CFM
V
Hz
VAC
dB(A)
Bel(A)
/
Watts
RPM
°C
Hours
Hours
AC 4400 FNN
205
120,7
115 / 230
50 / 60
85 ... 265
53
6,2
/
12
4 850
-20...+70
60 000 / 30 000
1
HHPP
A
PWM
II
TT
NG
max.
205 m3/h
Speed variants available on request.
57.9
57.9
25.4
25.4
+ 0.5
+ 0.5
+ 0.15
+ 0.15
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage
18.01.2011
14:19
Seite 133


Similar Part No. - AC3200J

ManufacturerPart #DatasheetDescription
logo
ebm-papst
AC3200JH EBMPAPST-AC3200JH Datasheet
205Kb / 1P
   TUBEAXIAL
AC3200JH EBMPAPST-AC3200JH Datasheet
174Kb / 4P
   AC 3200 JH AC axial compact fan
logo
Molex Electronics Ltd.
AC3200JH MOLEX10-AC3200JH Datasheet
174Kb / 4P
   AC axial compact fan
logo
ebm-papst
AC3200JH EBMPAPST-AC3200JH Datasheet
174Kb / 4P
   AC axial compact fan
AC3200JH EBMPAPST-AC3200JH_11 Datasheet
174Kb / 4P
   AC 3200 JH AC axial compact fan
More results

Similar Description - AC3200J

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
EDR3909-K-V-8P-LP FERYSTER-EDR3909-K-V-8P-LP Datasheet
208Kb / 1P
   IMPORT I DYSTRYBUCJA IMPORT I DYSTRYBUCJA
logo
THine Electronics, Inc.
THCS131 THINE-THCS131_15 Datasheet
527Kb / 11P
   I/OSpreader
THCS133 THINE-THCS133_15 Datasheet
496Kb / 11P
   I/OSpreader
THCS132 THINE-THCS132_15 Datasheet
735Kb / 20P
   I/OSpreader
logo
PHOENIX CONTACT
2901998 PHOENIX-2901998 Datasheet
91Kb / 5P
   Signal conditioner - MINI MCR-2-I-I
2864406 PHOENIX-2864406 Datasheet
99Kb / 5P
   Signal conditioner - MINI MCR-SL-I-I
logo
New Jersey Semi-Conduct...
1N482B NJSEMI-1N482B Datasheet
67Kb / 1P
   SI RECTIFIER, 100MA < I(O)/I(F) < 200MA
1N6627 NJSEMI-1N6627 Datasheet
83Kb / 1P
   FAST RECTIFIER, 1A < I(O) / I(F) < 2A
1N3882 NJSEMI-1N3882 Datasheet
103Kb / 1P
   Fast Rectifier, 5A < I(O) / I(F) <10A
logo
PHOENIX CONTACT
2864723 PHOENIX-2864723 Datasheet
92Kb / 5P
   Signal conditioner - MINI MCR-SL-I-I-SP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com