Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC8300H Datasheet(PDF) 5 Page - ebm-papst

Part # AC8300H
Description  ACmaxx / i-maxx
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

AC8300H Datasheet(HTML) 5 Page - ebm-papst

  AC8300H Datasheet HTML 1Page - ebm-papst AC8300H Datasheet HTML 2Page - ebm-papst AC8300H Datasheet HTML 3Page - ebm-papst AC8300H Datasheet HTML 4Page - ebm-papst AC8300H Datasheet HTML 5Page - ebm-papst AC8300H Datasheet HTML 6Page - ebm-papst AC8300H Datasheet HTML 7Page - ebm-papst AC8300H Datasheet HTML 8Page - ebm-papst AC8300H Datasheet HTML 9Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
129
Optional special versions
Information on pictograms
Speed signal
The fan uses a separate wire to output information
about its speed, and thus about the speed of the rotor.
For technical details, please refer to page 110.
On the pages of the catalogue and on the following overview pages, the pictograms illustrated below provide information about technically possi-
ble special versions in the fan line presented.
Please note that these special versions are not possible for all voltages and speeds, and not in all combinations.
The special versions are designed for specific customers and projects and are not usually available off the shelf.
Go / No-go alarm
The fan uses a separate wire to output a static signal
when it is stationary, thus providing information about
whether or not the rotor is turning. For technical
details, please refer to page 117.
Alarm with limit speed
If the speed drops below a certain level defined in the
fan's electronics, the fan will emit a static signal, thus
providing information about whether or not the rotor is
turning. For technical details, please refer to page 114.
External temperature sensor
An NTC is connected to the fan via a separate wire and
the fan changes its speed depending on the temperatu-
re at the NTC. For technical details, please refer to
page 120.
Internal temperature sensor
In this case, the NTC is integrated into the fan and the
fan changes its speed depending on the temperature at
the NTC. For technical details, please refer to page
120.
PWM control input
The speed of the fan can be changed via a pulse-width-
modulated signal. This signal is applied to a specially
provided wire. For technical details, please refer to page
121.
Analogue control input
The speed of the fan can be changed via a control volta-
ge. This control voltage is applied to a specially provided
wire. For technical details, please refer to page 121.
Protection against moisture
Protection for the fan's electronics against moisture and
condensation. For technical details, please refer to page
123.
IP 54
Protection of motor and PCB board against splashed
water and humidity. For technical details, please refer to
page 123.
Protection against salt spray fog
Protection of fan against the damaging effects of salt
spray fog. For technical details, please refer to page
123.
NG
TT
II
PWM
A
HHPP
IP54
IP54
Û
SSPP
Multi-option control input
The fan has a control input that the user can trigger eit-
her using a PWM signal, an analogue signal or a
resistor. For technical details, please refer to page 122.
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage
18.01.2011
14:19
Seite 129


Similar Part No. - AC8300H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC838 ETC-AC838 Datasheet
105Kb / 2P
   10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC838 TELEDYNE-AC838 Datasheet
174Kb / 2P
   10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - AC8300H

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
EDR3909-K-V-8P-LP FERYSTER-EDR3909-K-V-8P-LP Datasheet
208Kb / 1P
   IMPORT I DYSTRYBUCJA IMPORT I DYSTRYBUCJA
logo
THine Electronics, Inc.
THCS131 THINE-THCS131_15 Datasheet
527Kb / 11P
   I/OSpreader
THCS133 THINE-THCS133_15 Datasheet
496Kb / 11P
   I/OSpreader
THCS132 THINE-THCS132_15 Datasheet
735Kb / 20P
   I/OSpreader
logo
PHOENIX CONTACT
2901998 PHOENIX-2901998 Datasheet
91Kb / 5P
   Signal conditioner - MINI MCR-2-I-I
2864406 PHOENIX-2864406 Datasheet
99Kb / 5P
   Signal conditioner - MINI MCR-SL-I-I
logo
New Jersey Semi-Conduct...
1N482B NJSEMI-1N482B Datasheet
67Kb / 1P
   SI RECTIFIER, 100MA < I(O)/I(F) < 200MA
1N6627 NJSEMI-1N6627 Datasheet
83Kb / 1P
   FAST RECTIFIER, 1A < I(O) / I(F) < 2A
1N3882 NJSEMI-1N3882 Datasheet
103Kb / 1P
   Fast Rectifier, 5A < I(O) / I(F) <10A
logo
PHOENIX CONTACT
2864723 PHOENIX-2864723 Datasheet
92Kb / 5P
   Signal conditioner - MINI MCR-SL-I-I-SP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com