Electronic Components Datasheet Search |
|
Y-CONC-R602S-MG3B-2000-A Datasheet(PDF) 8 Page - Yamaichi Electronics Co., Ltd. |
|
Y-CONC-R602S-MG3B-2000-A Datasheet(HTML) 8 Page - Yamaichi Electronics Co., Ltd. |
8 / 42 page Outline Dimensions TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER 7 Description: Full metal mounting flange, with integrated seal (also in the screw area) to ensure IP6* protection when mounted with Y-ConCover-10-* and Y-ConCover-40-*. Also available with assembled IP6* protection cap Vollmetal Gehäuseflansch mit integrierter Dichtung (auch im Schraubbereich). Damit sind für Y-ConCover-10-* und Y-ConCover-40-* im montierten Zustand die Schutzarten IP6* gewährleistet.A uch mit assemblierter IP6*Schutzkappe verfügbar Material: Flange Body Die-cast zinc Flanschgehäuse Flange Seal HNBR Flanschdichtung Protection Cap Die-cast Zinc Schutzkappe Seal HNBR Dichtung Wire Rope Steel / Aluminium Draht (length = 180mm) Specifications: Operating Temp.: -40°C ~ +120°C Betriebstemp. IP67/68/69K Protected Components Part Number Protection Cap Y-ConFlange-40 No Y-ConFlange-40-C Yes Series Design Number No Mark = Std. C = With Cap Y-ConFlange - 40 - * Part Number (Details) Y-ConAS-25 Accessories Material: Steel Colour Black Farbe Panel Cut Dim. (incl. in Rittal Library) Description: Manual punch to stamp out the Y-ConFlange-** panel cut with matrix for 4 screw holes. For V2A plate metal up to 2.0mm (Rockwell 56-58) Part No.: Y-ConFlange-Punch-1 Accessories Manueller Blechlocher für das Ausstanzen des Ausschnittes für Y-ConFlange-** mit Raster für 4 Schraubenbohrungen. Für V2A Metallblech bis 2,0 mm (Rockwell 56-58) Description: Flange-head screws M3 Thread Material: Steel Schrauben (M3-Gewinde) Y-ConFlange-40 Protection cap (already assembled by wire rope) |
Similar Part No. - Y-CONC-R602S-MG3B-2000-A |
|
Similar Description - Y-CONC-R602S-MG3B-2000-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |