Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM5NB50CP Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSM5NB50CP
Description  500V N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM5NB50CP Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSM5NB50CP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM5NB50CP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM5NB50CP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM5NB50CP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM5NB50CP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM5NB50CP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM5NB50CP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM5NB50CP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM5NB50CP Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TSM5NB50
500V N-Channel Power MOSFET
5/9
Version: A12
TO-220 Mechanical Drawing
Unit: Millimeters


Similar Part No. - TSM5NB50CP

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
TSM5NB50CP DOINGTER-TSM5NB50CP Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Taiwan Semiconductor Co...
TSM5NB50CPROG TSC-TSM5NB50CPROG Datasheet
1Mb / 10P
   500V N-Channel Power MOSFET
More results

Similar Description - TSM5NB50CP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
   500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
   500V N-Channel Power MOSFET
TSM20N50 TSC-TSM20N50_13 Datasheet
460Kb / 10P
   500V N-Channel Power MOSFET
TSM1N50CT TSC-TSM1N50CT Datasheet
124Kb / 7P
   500V N-CHANNEL POWER MOSFET
TSM5NB50 TSC-TSM5NB50_14 Datasheet
1Mb / 10P
   500V N-Channel Power MOSFET
TSM9N50 TSC-TSM9N50 Datasheet
219Kb / 7P
   500V N-Channel Power MOSFET
TSM6N50 TSC-TSM6N50 Datasheet
387Kb / 10P
   500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com