Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS39500CZ33 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS39500CZ33
Description  1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39500CZ33 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS39500CZ33 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39500CZ33 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39500CZ33 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39500CZ33 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39500CZ33 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39500CZ33 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39500CZ33 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39500CZ33 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39500CZ33 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TS39500/1/2
1.5A Ultra Low Dropout Voltage Regulator
with Multi-Function
1/12
Version: B07
TO-220
TO-263
(D
2PAK)
TO-220-5L
TO-263-5L
(D
2PAK)
General Description
TS39500/1/2 are 5A ultra low dropout linear voltage regulators that provide low voltage, high current output with a
minimum of external components. TS39500/1/2/3 offers extremely low dropout (typically 400mV at 5A) and low
quiescent current (typically 36mA at 5A).
TS39500/1/2 is ideal for PC add-in cards that need to convert from standard 3.3V to 2.5V or 2.5V to 1.8V. A
guaranteed maximum dropout voltage of 500mV over all operating conditions allows the TS39501/2 to provide 2.5V
from a supply as low as 3V, and 1.8V from a supply as low as 2.5V. TS39500/1/2 also has fast transient response for
heavy switching applications. The device requires only 47uF of output capacitor to maintain stability and achieve fast
transient response.
On TS39500/1/2, the enable pin may be tied to input voltage if it is not required for enable control.
Features
Dropout voltage typically 0.4V @ Io=5A
Output Current up to 5A
Low Ground Current
Extremely Fast Transient Response
Current Limit & Thermal Shutdown
Reversed Leakage & Reverse Battery Protection
Error Flag Signals Output (TS39501 only)
Adjustable Version (TS39502 only)
Application
PowerPC
TM Power Supplies
Battery Powered Equipment
Consumer and Personal Electronics
High Efficiency Linear Power Supplies
SMPS Post Regulator and DC to DC Modules
High-efficiency Post Regulator for Switching Supply
Low Voltage Microcontrollers and Digital Logic
Ordering Information
Part No.
Package
Packing
TS39500CZxx C0
TO-220
50pcs / Tube
TS39500CMxx RN
TO-263
800pcs / 13” Reel
TS39501CZ5xx C0
TO-220-5L
50pcs / Tube
TS39501CM5xx RN
TO-263-5L
800pcs / 13” Reel
TS39502CZ5 C0
TO-220-5L
50pcs / Tube
TS39502CM5 RN
TO-263-5L
800pcs / 13” Reel
Note: Where xx denotes voltage option, available are
50=5V, 33=3.3V, 25=2.5V, 18=1.8V
Contact to factory for addition output voltage option.
Pin Definition:
TS39501xx
TS39502
1. Enable
1. Enable
2. Input
2. Input
3. Ground
3. Ground
4. Output
4. Output
5. Flag
5. Adjust
Pin Definition:
TS39500
1. Input
2. Ground (tab)
3. Output


Similar Part No. - TS39500CZ33

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39500CZ TSC-TS39500CZ Datasheet
501Kb / 12P
   5A Ultra Low Dropout Positive Voltage Regulator
TS39500CZ18 TSC-TS39500CZ18 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ25 TSC-TS39500CZ25 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ50 TSC-TS39500CZ50 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZC0 TSC-TS39500CZC0 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

Similar Description - TS39500CZ33

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39153CZ550 TSC-TS39153CZ550 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ18 TSC-TS39500CZ18 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ518 TSC-TS39501CZ518 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ525 TSC-TS39501CZ525 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39150 TSC-TS39150_08 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ50 TSC-TS39500CZ50 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CM550 TSC-TS39501CM550 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS29150 TSC-TS29150_07 Datasheet
468Kb / 11P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39150CZ18 TSC-TS39150CZ18 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39153CZ518 TSC-TS39153CZ518 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com