Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6233H151NR-G Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6233H151NR-G
Description  囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6233H151NR-G Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6233H151NR-G Datasheet HTML 1Page - Torex Semiconductor XC6233H151NR-G Datasheet HTML 2Page - Torex Semiconductor XC6233H151NR-G Datasheet HTML 3Page - Torex Semiconductor XC6233H151NR-G Datasheet HTML 4Page - Torex Semiconductor XC6233H151NR-G Datasheet HTML 5Page - Torex Semiconductor XC6233H151NR-G Datasheet HTML 6Page - Torex Semiconductor XC6233H151NR-G Datasheet HTML 7Page - Torex Semiconductor XC6233H151NR-G Datasheet HTML 8Page - Torex Semiconductor XC6233H151NR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4/30
XC6233 シリーズ
■端子配列
* USP-4 の放熱板は実装強度強化および放熱の為、参考パターンレイアウトと参考メタルマスクデザインでの
はんだ実装を推奨しております。尚、放熱板の電位をとる場合は
VSS(2 番 Pin)へ接続して下さい。
■端子説明
■機能表
PIN NUMBER
SOT-25
SSOT-24
USP-4
PIN NAME
FUNCTIONS
1
4
4
VIN
Power Supply Input
2
2
2
VSS
Ground
3
1
3
CE
ON/OFF Control
4
-
-
NC
No Connection
5
3
1
VOUT
Output
PIN NAME
SIGNAL
STATUS
L
Stand-by
H
Active
CE
OPEN
Stand-by *
* H タイプは、IC 内部のプルダウン抵抗により CE 端子電圧は L レベルに固定されます。


Similar Part No. - XC6233H151NR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6230 TOREX-XC6230 Datasheet
1Mb / 26P
   Adjustable Voltage Output Multifunction 2A High Speed LDO Regulator
XC6231 TOREX-XC6231 Datasheet
299Kb / 11P
   竊?V Input, 500mA, High Speed LDO Regulators
XC6238 TOREX-XC6238 Datasheet
1Mb / 28P
   300mA High Speed LDO Regulator with ON/OFF Switch
More results

Similar Description - XC6233H151NR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6421 TOREX-XC6421 Datasheet
731Kb / 25P
   囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 弱뤷엹300mA Dual 遙섌?LDO ?с궙?γ꺃?쇈궭
XC6423 TOREX-XC6423 Datasheet
649Kb / 24P
   囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 擁끻컦??00mA Dual 遙섌?LDO ?с궙?γ꺃?쇈궭
XC6420 TOREX-XC6420 Datasheet
789Kb / 26P
   150mA 弱뤷엹遙섌?Dual LDO ?с궙?γ꺃?쇈궭, ON/OFF ?밤궎?껁긽餓섅걤
XC2408A816UR-G TOREX-XC2408A816UR-G Datasheet
455Kb / 18P
   1.6GHz ON/OFF 艅잒꺗餓섅걤 LNA
XC2406A816UR-G TOREX-XC2406A816UR-G Datasheet
429Kb / 18P
   1.6GHz ON/OFF 艅잒꺗餓섅걤LNA
XC2407A816UR-G TOREX-XC2407A816UR-G Datasheet
481Kb / 18P
   1.6GHz ON/OFF 艅잒꺗餓섅걤LNA
logo
Asahi Kasei Microsystem...
CQ-2093 AKM-CQ-2093 Datasheet
487Kb / 12P
   遙섌?恙쒐춸 弱뤷엹 ?삥탛?삠꺍?
logo
Torex Semiconductor
XA6121 TOREX-XA6121 Datasheet
378Kb / 27P
   ?╉궔?껁긽?됥긿??ON/OFF 艅잒꺗餓섅걤?삣쑇濾쒎눣?⑨펷VDF=1.6V節?.0V
XC6902 TOREX-XC6902 Datasheet
513Kb / 23P
   -16V ?ε뒟縕좈쎔?㎩엹3 塋?춴?с궙?γ꺃?쇈궭
logo
Mitsumi Electronics, Co...
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
   200mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com