Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2720Q-2 Datasheet(PDF) 10 Page - Sony Corporation

Part # CXD2720Q-2
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2720Q-2 Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXD2720Q-2 Datasheet HTML 6Page - Sony Corporation CXD2720Q-2 Datasheet HTML 7Page - Sony Corporation CXD2720Q-2 Datasheet HTML 8Page - Sony Corporation CXD2720Q-2 Datasheet HTML 9Page - Sony Corporation CXD2720Q-2 Datasheet HTML 10Page - Sony Corporation CXD2720Q-2 Datasheet HTML 11Page - Sony Corporation CXD2720Q-2 Datasheet HTML 12Page - Sony Corporation CXD2720Q-2 Datasheet HTML 13Page - Sony Corporation CXD2720Q-2 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
– 10 –
CXD2720Q-2
[2] DAC unit characteristics
Use the measurement circuit in Figure 1-2. Unless otherwise specified, the measurement conditions are as
follows.
• Input signal ....0dB, 1kHz, 16 bits
• fs....................44.1kHz
Item
S/N ratio
THD + N
Dynamic range
Channel separation
Level difference between
channels
Output level
EIAJ (with “A” weighting filter)
EIAJ (0dB)
EIAJ (–1dB)
EIAJ (–60dB)
EIAJ
EIAJ
EIAJ (Measure at OUT in Figure 1-2.)
98
0.006
0.004
98
120
0.05
2.0
dB
%
dB
dB
dB
Vrms
Measurement conditions
Min.
Typ.
Max.
Unit
Analog input level [dBV]
–60
–50
–40
–30
–20
–10
0
10
(1Vrms)
0.01
0.10
1.00
Digital full scale
Analog full scale
(Rin = 0
Ω)
Graph 1.


Similar Part No. - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
More results

Similar Description - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-3 SONY-CXD2724AQ-3 Datasheet
498Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com