Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS7805CI Datasheet(PDF) 9 Page - Taiwan Semiconductor Company, Ltd

Part # TS7805CI
Description  3-Terminal Fixed Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS7805CI Datasheet(HTML) 9 Page - Taiwan Semiconductor Company, Ltd

Back Button TS7805CI Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS7805CI Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS7805CI Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS7805CI Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS7805CI Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS7805CI Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS7805CI Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS7805CI Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS7805CI Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TS7800 Series
3-Terminal Fixed Positive Voltage Regulator
9/10
Version: D12
ITO-220 Mechanical Drawing
Marking Diagram
XX
= Output Voltage
(05=5V, 06=6V, 08=8V, 09=9V, 10=10V, 12=12V, 15=15V, 18=18V, 24=24V)
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
CI
= Package Code for ITO-220
ITO-220 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
9.96
10.36
0.392
0.407
B
6.20 (typ.)
0.244 (typ.)
C
2.20 (typ.)
0.087 (typ.)
D
∮1.40 (typ.)
∮0.055 (typ.)
E
15.07
16.07
0.593
0.632
F
0.80 (typ.)
0.031 (typ.)
G
2.44
2.64
0.096
0.104
H
13.08
13.48
0.514
0.530
I
1.47 (max.)
0.057 (max.)
J
3.20
3.40
0.125
0.133
K
4.60
4.80
0.181
0.188
L
1.15 (typ.)
0.045 (typ.)
M
2.44
2.64
0.096
0.104
N
2.60
2.80
0.102
0.110
O
6.55
6.65
0.258
0.262


Similar Part No. - TS7805CI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS7805CI ETC-TS7805CI Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS7805CIC0 TSC-TS7805CIC0 Datasheet
262Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
More results

Similar Description - TS7805CI

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS7800A TSC-TS7800A Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7809CZ TSC-TS7809CZ Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7815CI TSC-TS7815CI Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7818CZ TSC-TS7818CZ Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_11 Datasheet
261Kb / 12P
   3-Terminal Fixed Positive Voltage Regulator
TS7800B TSC-TS7800B Datasheet
249Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS7800 ETC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7812ACZ ETC-TS7812ACZ Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS7800I TSC-TS7800I Datasheet
253Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_1 Datasheet
290Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com