Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2597Q Datasheet(PDF) 4 Page - Sony Corporation

Part # CXD2597Q
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2597Q Datasheet(HTML) 4 Page - Sony Corporation

  CXD2597Q Datasheet HTML 1Page - Sony Corporation CXD2597Q Datasheet HTML 2Page - Sony Corporation CXD2597Q Datasheet HTML 3Page - Sony Corporation CXD2597Q Datasheet HTML 4Page - Sony Corporation CXD2597Q Datasheet HTML 5Page - Sony Corporation CXD2597Q Datasheet HTML 6Page - Sony Corporation CXD2597Q Datasheet HTML 7Page - Sony Corporation CXD2597Q Datasheet HTML 8Page - Sony Corporation CXD2597Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 115 page
background image
– 4 –
CXD2597Q
Pin Description
Pin
No.
Symbol
I/O
Description
Sub Q 80-bit, PCM peak and level data outputs. CD TEXT data output.
SQSO readout clock input.
System reset. Reset when low.
Mute input. Muted when high.
Serial data input from CPU.
Latch input from CPU. Serial data is latched at the falling edge.
Serial data transfer clock input from CPU.
SENS output to CPU.
SENS serial data readout clock input.
Digital power supply.
Anti-shock input/output.
Microcomputer extension interface (input A)
Microcomputer extension interface (input B)
Microcomputer extension interface (output)
WFCK output.
XUGF output. MINT1 or RFCK is output by switching with the command.
XPCK output. MNT0 is output by switching with the command.
GFS output. MNT3 or XROF is output by switching with the command.
C2PO output. GTOP is output by switching with the command.
Outputs a high signal when either subcode sync S0 or S1 is detected.
Track count signal input/output.
Mirror signal input/output.
Defect signal input/output.
Focus OK signal input/output.
GFS is sampled at 460Hz; when GFS is high, this pin outputs a high signal. If GFS
is low eight consecutive samples, this pin outputs low. Or input when LKIN = 1.
Spindle motor servo control output.
Disc innermost track detection signal input.
Sled drive output.
Sled drive output.
Tracking drive output.
Tracking drive output.
Focus drive output.
Focus drive output.
Digital GND.
Test pin. Normally, GND.
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, Z, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
O
I
I
I
I
I
I
O
I
I/O
I
I
O
O
O
O
O
O
O
I/O
I/O
I/O
I/O
I/O
O
I
O
O
O
O
O
O
I
SQSO
SQCK
XRST
SYSM
DATA
XLAT
CLOK
SENS
SCLK
VDD
ATSK
SPOA
SPOB
XLON
WFCK
XUGF
XPCK
GFS
C2PO
SCOR
COUT
MIRR
DFCT
FOK
LOCK
MDP
SSTP
SFDR
SRDR
TFDR
TRDR
FFDR
FRDR
VSS
TEST
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35


Similar Part No. - CXD2597Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2598 SONY-CXD2598 Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results

Similar Description - CXD2597Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2548R SONY-CXD2548R Datasheet
1Mb / 113P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3017Q SONY-CXD3017Q Datasheet
1Mb / 117P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com