Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS78L06CS Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TS78L06CS
Description  3-Terminal 100mA Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78L06CS Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

Back Button TS78L06CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TS78L00 Series
3-Terminal 100mA Positive Voltage Regulator
7/12
Version: D12
Application Information
Design Considerations
The TS78L00 Series of fixed voltage regulators are designed with Thermal Overload Protection that shuts down
the circuit when subjected to an excessive power overload condition. Internal Short Circuit protection Limits the
maximum current the circuit will pass.
In many low current applications, compensation capacitors are not required. However, it is recommended that the
regulator input be bypassed with a capacitor if the regulator is connected to the power supply filter with long wire
lengths, or if the output load capacitance is large. The input bypass capacitor should be selected to provide good
high-frequency characteristics to insure stable operation under all load conditions. A 0.33uF or larger tantalum,
mylar, or other capacitor having low internal impedance at high frequencies should be chosen. The bypass
capacitor should be mounted with the shortest possible leads directly across the regulators input terminals. Good
construction techniques should be used to minimize ground loops and lead resistance drops since the regulator
has no external sense lead. Bypassing the output is also recommended.
FIGURE 1 – Current Regulator
The TS78L00 regulators can also be used as a current
source when connected as above. In order to minimize
dissipation the TS78L05 is chosen in this application.
Resistor R determines the current as follows:
IIB=3.8mA over lined and load changes
For example, a 100mA current source would require R to
be a 50Ω. 1/2W resistor and the output voltage compliance
would be the input voltage less 7V.
FIGURE 2 –
±±±±15V Tracking Voltage Regulator
FIGURE 3 –
±±±±15V Tracking Voltage Regulator


Similar Part No. - TS78L06CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78L06CT TSC-TS78L06CT Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
More results

Similar Description - TS78L06CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
Exar Corporation
SP78LXX EXAR-SP78LXX Datasheet
506Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L00 TSC-TS78L00 Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06ACY TSC-TS78L06ACY Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_08 Datasheet
181Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_14 Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06CT TSC-TS78L06CT Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
AiT Semiconductor Inc.
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
NTE Electronics
NTE950 NTE-NTE950 Datasheet
27Kb / 3P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com