Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALS40 Datasheet(PDF) 4 Page - Kemet Corporation

Part # ALS40
Description  IEC 60384-4 Long Life Grade 40/105/56
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS40 Datasheet(HTML) 4 Page - Kemet Corporation

  ALS40 Datasheet HTML 1Page - Kemet Corporation ALS40 Datasheet HTML 2Page - Kemet Corporation ALS40 Datasheet HTML 3Page - Kemet Corporation ALS40 Datasheet HTML 4Page - Kemet Corporation ALS40 Datasheet HTML 5Page - Kemet Corporation ALS40 Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
79
BHC and Evox Rifa Electrolytic Capacitors
aLS40105°C
aRtICLEtaBLEaLS40(105°C)
Cap
(µf)
Case
Size
(mm)
ESR(m
W)
at20°C
100Hz(max)
Impedance(m
W)
at20°C
10KHz(max)
Ripplecurrent(a)at
105°C
typenumber
100Hz
10KHz
100VdC(U
R)
200VdC(U
R)
250VdC(U
R)
MountingStyle0=plainor1=stud
terminationStylea,C,g,J,MorR
* *
1500
36x52
79
62
3.9
4.5
ALS4 - - 152DA100
2200
36x62
56
44
4.8
5.5
ALS4 - - 222DB100
3300
36x82
37
29
6.4
7.4
ALS4 - - 332DE100
4700
36x105
26
21
8.1
9.3
ALS4 - - 472DF100
6800
51x82
32
28
8.0
8.4
ALS4 - - 682KE100
10000
51x105
21
18
10.9
11.5
ALS4 - - 103KF100
15000
77x75
28
26
9.7
9.9
ALS4 - - 153ND100
15000
66x105
14
12
15.8
16.7
ALS4 - - 153MF100
15000
90x75
20
18
12.9
13.4
ALS4 - - 153QD100
22000
90x67
17
16
14.3
15.2
ALS4 - - 223QC100
22000
77x105
15
13
15.5
16.0
ALS4 - - 223NF100
22000
90x98
13
11
18.4
19.0
ALS4 - - 223QH100
33000
77x146
10
10
21.6
22.2
ALS4 - - 333NP100
47000
90x146
9
8
25.9
26.5
ALS4 - - 473QP100
47000
77x220
7
6
35.4
36.6
ALS4 - - 473NT100
100000
90x220
6
6
37.2
37.9
ALS4 - - 104QT100
680
36x52
195
154
2.9
4.0
ALS4 - - 681DA200
680
36x62
188
147
3.3
4.6
ALS4 - - 681DB200
1000
36x82
128
100
4.3
6.1
ALS4 - - 102DE200
1500
36x105
86
67
5.6
7.8
ALS4 - - 152DF200
2200
51x82
71
58
6.8
8.0
ALS4 - - 222KE200
3300
51x105
47
38
9.1
10.9
ALS4 - - 332KF200
4700
77x75
48
42
8.7
9.4
ALS4 - - 472ND200
6800
66x105
27
23
12.9
14.5
ALS4 - - 682MF200
6800
90x67
37
28
11.8
15.9
ALS4 - - 682QC200
6800
90x75
36
32
10.9
11.7
ALS4 - - 682QD200
6800
77x105
29
25
13.4
14.8
ALS4 - - 682NF200
10000
90x98
23
20
15.4
16.6
ALS4 - - 103QH200
10000
77x146
19
16
19.3
21.5
ALS4 - - 103NP200
15000
90x146
14
12
24.2
26.5
ALS4 - - 153QP200
22000
77x220
11
10
29.5
31.6
ALS4 - - 223NT200
33000
90x220
10
8
34.3
36.4
ALS4 - - 333QT200
470
36x52
235
174
2.5
3.9
ALS4 - - 471DA250
680
36x62
164
122
3.2
4.8
ALS4 - - 681DB250
1000
36x82
111
83
4.2
6.3
ALS4 - - 102DE250
1000
36x105
108
79
4.7
7.5
ALS4 - - 102DF250
1500
51x82
83
64
6.2
8.2
ALS4 - - 152KE250
2200
51x105
56
42
8.3
11.1
ALS4 - - 222KF250
3300
77x75
52
42
8.5
9.7
ALS4 - - 332ND250
4700
66x105
30
24
12.3
15.0
ALS4 - - 472MF250
4700
90x67
42
30
10.9
16.3
ALS4 - - 472QC250
4700
90x75
38
32
10.7
12.1
ALS4 - - 472QD250
6800
77x105
30
25
12.1
13.4
ALS4 - - 682NF250
6800
90x98
25
20
15.1
17.3
ALS4 - - 682QH250
10000
77x146
19
16
17.5
19.5
ALS4 - - 103NP250
15000
90x146
14
12
21.9
23.9
ALS4 - - 153QP250
15000
77x220
12
10
29.2
33.0
ALS4 - - 153NT250
22000
90x220
11
9
34.1
38.2
ALS4 - - 223QT250


Similar Part No. - ALS40

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS40 KEMET-ALS40 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
ALS40A103KF100 KEMET-ALS40A103KF100 Datasheet
74Kb / 1P
   ALS40, Aluminum Electrolytic, 105C, 0.01 F, 20%, 100 V, -40/105C
ALS40A104KF025 KEMET-ALS40A104KF025 Datasheet
75Kb / 1P
   ALS40, Aluminum Electrolytic, 105C, 0.1 F, 20%, 25 V, -40/105C
ALS40A221DE450 KEMET-ALS40A221DE450 Datasheet
74Kb / 1P
   ALS40, Aluminum Electrolytic, 105C, 220 uF, 20%, 450 V, -40/105C
ALS40A222DB100 KEMET-ALS40A222DB100 Datasheet
74Kb / 1P
   ALS40, Aluminum Electrolytic, 105C, 2200 uF, 20%, 100 V, -40/105C
More results

Similar Description - ALS40

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALC40 KEMET-ALC40 Datasheet
686Kb / 6P
   IEC 60384-4 Long Life Grade 40/105/56
ALS42 KEMET-ALS42 Datasheet
215Kb / 4P
   IEC 60384-4 Long Life Grade 40/105/56
ALC42 KEMET-ALC42 Datasheet
584Kb / 5P
   IEC 60384-4 Long Life Grade 40/105/56
ALC10 KEMET-ALC10 Datasheet
701Kb / 7P
   IEC 60384-4 Long Life Grade 40/85/56,
ALS34 KEMET-ALS34 Datasheet
606Kb / 8P
   IEC 60384-4 Long Life Grade 40/85/56
ALS30 KEMET-ALS30 Datasheet
496Kb / 7P
   IEC 60384-4 Long Life Grade 40/85/56
ALS32 KEMET-ALS32 Datasheet
483Kb / 5P
   IEC 60384-4 Long Life Grade 40/85/56
ALC12 KEMET-ALC12 Datasheet
565Kb / 5P
   IEC 60384-4 Long Life Grade 40/85/56
ALS36 KEMET-ALS36 Datasheet
227Kb / 8P
   IEC 60384-4 Long Life Grade 40/85/56
PEH200 KEMET-PEH200 Datasheet
295Kb / 5P
   IEC 60384-4 Long Life Grade 40/85/56, DIN 41240
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com