Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSCMAAN150PAUNV Datasheet(PDF) 3 Page - Honeywell Accelerometers

Part # NSCMAAN150PAUNV
Description  TruStability짰 Board Mount Pressure Sensors: NSC Series?밬ncompensated/Unamplified
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

NSCMAAN150PAUNV Datasheet(HTML) 3 Page - Honeywell Accelerometers

  NSCMAAN150PAUNV Datasheet HTML 1Page - Honeywell Accelerometers NSCMAAN150PAUNV Datasheet HTML 2Page - Honeywell Accelerometers NSCMAAN150PAUNV Datasheet HTML 3Page - Honeywell Accelerometers NSCMAAN150PAUNV Datasheet HTML 4Page - Honeywell Accelerometers NSCMAAN150PAUNV Datasheet HTML 5Page - Honeywell Accelerometers NSCMAAN150PAUNV Datasheet HTML 6Page - Honeywell Accelerometers NSCMAAN150PAUNV Datasheet HTML 7Page - Honeywell Accelerometers NSCMAAN150PAUNV Datasheet HTML 8Page - Honeywell Accelerometers NSCMAAN150PAUNV Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Honeywell Sensing and Control
3
Table 2. Operating Specifications
Parameter
Min.
Typ.
Max.
Unit
Supply voltage (Vsupply)
2
1.8
5.0
3
12.0
Vdc
Supply current (at 5.0 Vdc supply)
1.5
2
mA
Specified temperature range
4
-40 [-40]
85 [185]
C [ F]
Startup time
5
ms
Accuracy
5
0.25
%FSS BFSL
6
Table 3. Environmental Specifications
Parameter
Characteristic
Humidity
0% to 95% RH, non-condensing
Vibration
MIL-STD-202F, Curve AK (20.7 g random)
Shock
MIL-STD-202F, Method 213B, Condition F
Life
7
1 million pressure cycles minimum
Solder reflow
J-STD-020-C
Table 4. Wetted Materials
8
Parameter
Port 1 (Pressure Port)
Port 2 (Reference Port)
Covers
high temperature polyamide
high temperature polyamide
Substrate
alumina ceramic
alumina ceramic
Adhesives
epoxy, RTV
epoxy, RTV
Electronic components
ceramic, silicon
silicon, glass, gold, solder
Notes:
1.
Absolute maximum ratings are the extreme limits the device will withstand without damage.
2.
Ratiometricity of the sensor (the ability of the device output to scale to the supply voltage) is achieved within the specified operating voltage.
3.
Incorrect application of supply voltage or ground to the wrong pin may cause electrical failure.
4.
The specified temperature range is the temperature range over which the sensor will produce an output proportional to pressure within the
specified performance limits.
5.
Accuracy: The maximum deviation in output from a Best Fit Straight Line (BFSL) fitted to the output measured over the pressure range at
25 °C [77 °F]. Includes all errors due to pressure non-linearity, pressure hysteresis, and non-repeatability.
6.
Full Scale Span (FSS) is the algebraic difference between the output signal measured at the maximum (Pmax.) and minimum (Pmin.) limits of
the pressure range. (See Figure 1 for ranges.)
7.
Life may vary depending on specific application in which sensor is utilized.
8.
Contact Honeywell Customer Service for detailed material information.
CAUTION
PRODUCT DAMAGE
Ensure liquid media is applied to Port 1 only; Port 2 is not compatible with liquids.
Ensure liquid media contains no particulates. All TruStability
sensors are dead-ended devices. Particulates can
accumulate inside the sensor, causing damage or affecting sensor output.
Recommend that the sensor be positioned with Port 1 facing downwards; any particulates in the system are less likely to
enter and settle within the pressure sensor if it is in this position.
Ensure liquid media does not create a residue when dried; build-up inside the sensor may affect sensor output. Rinsing of a
dead-ended sensor is difficult and has limited effectiveness for removing residue.
Ensure liquid media are compatible with wetted materials. Non-compatible liquid media will degrade sensor performance
and may lead to sensor failure.
Failure to comply with these instructions may result in product damage.


Similar Part No. - NSCMAAN150PAUNV

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NSCMANN015PAUNV HONEYWELL-ACC-NSCMANN015PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
NSCMANN030PAUNV HONEYWELL-ACC-NSCMANN030PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
NSCMANN060PAUNV HONEYWELL-ACC-NSCMANN060PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
NSCMANN100PAUNV HONEYWELL-ACC-NSCMANN100PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
NSCMANN150PAUNV HONEYWELL-ACC-NSCMANN150PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
More results

Similar Description - NSCMAAN150PAUNV

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NSCDANN150PGUNV HONEYWELL-ACC-NSCDANN150PGUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
NBPLANN030PGUNV HONEYWELL-ACC-NBPLANN030PGUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
NBPDLNN060PAUNV HONEYWELL-ACC-NBPDLNN060PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Honeywell Solid State E...
HSCDRRN010MD2A3 HONEYWELL-HSCDRRN010MD2A3 Datasheet
1Mb / 14P
   TruStability짰 Board Mount Pressure Sensors: HSC Series?밐igh Accuracy
NBPDANN150PAUNV HONEYWELL-NBPDANN150PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
SSCSNBN001BDAA3 HONEYWELL-SSCSNBN001BDAA3 Datasheet
606Kb / 8P
   TruStability짰 HSC Series and SSC Series Board Mount Pressure Sensors, Analog Output
logo
Sensortechnics GmbH
24PC0050D2 SENSORTECHNICS-24PC0050D2 Datasheet
55Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0050DSMT SENSORTECHNICS-24PC0050DSMT Datasheet
181Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0035D2 SENSORTECHNICS-24PC0035D2 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0070DSMT SENSORTECHNICS-24PC0070DSMT Datasheet
241Kb / 4P
   Unamplified, uncompensated pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com