Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD4144K Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TPD4144K
Description  TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4144K Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TPD4144K Datasheet HTML 6Page - Toshiba Semiconductor TPD4144K Datasheet HTML 7Page - Toshiba Semiconductor TPD4144K Datasheet HTML 8Page - Toshiba Semiconductor TPD4144K Datasheet HTML 9Page - Toshiba Semiconductor TPD4144K Datasheet HTML 10Page - Toshiba Semiconductor TPD4144K Datasheet HTML 11Page - Toshiba Semiconductor TPD4144K Datasheet HTML 12Page - Toshiba Semiconductor TPD4144K Datasheet HTML 13Page - Toshiba Semiconductor TPD4144K Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TPD4144K
2012-02-09
10
Application Circuit Example
Low-side
Driver
VCC
VREG
IS2
GND
Input Logic
Thermal
Shutdown
BSV
BSU
VBB
BSW
U
V
W
15
13
4
5
6
7
8
HU
HV
HW
LU
LV
LW
9
DIAG
11
18
21
24
23
17
22
25
26
1/16
Under-
voltage
Protection
7 V
Regulator
C4
+
C5
Control IC
or
Microcomputer
M
C1 C2 C3
R2
R1
C6
+
C7
19
IS1
20
IS3
10
RS
Under-
voltage
Protection
Under-
voltage
Protection
Under-
voltage
Protection
High-side
Level Shift
Driver
Over-current
protection
C
15 V


Similar Part No. - TPD4144K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4144AK TOSHIBA-TPD4144AK Datasheet
377Kb / 23P
   High Voltage Monolithic Silicon Power IC
More results

Similar Description - TPD4144K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4105AK TOSHIBA-TPD4105AK Datasheet
170Kb / 14P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4142K TOSHIBA-TPD4142K Datasheet
387Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135K TOSHIBA-TPD4135K Datasheet
371Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4146K TOSHIBA-TPD4146K Datasheet
390Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135AK TOSHIBA-TPD4135AK Datasheet
373Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4102K TOSHIBA-TPD4102K Datasheet
361Kb / 28P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4151K TOSHIBA-TPD4151K Datasheet
981Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK_07 Datasheet
372Kb / 24P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4131K TOSHIBA-TPD4131K Datasheet
380Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4152F TOSHIBA-TPD4152F Datasheet
967Kb / 27P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
2016-03-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com