Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVR5J Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # TVR5J
Description  FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

TVR5J Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  TVR5J Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd TVR5J Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
TVR5B THRU TVR5J
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
FAST RECOVERY RECTIFIER
Average forward current
IF (AV) (A)
PF (AV) – IF (AV)
Average forward current
IF (AV) (A)
Ta max – IF (AV)
Time t (s)
rth (j-a) – t
Instantaneous forward voltage
vF (V)
iF – vF
Number of cycles
Surge forward current (non-repetitive)
0.1
0.6
10
1.8
5
3
0.5
0.3
0.8
1.0
1.2
1.4
1
1.6
Tj = 125°C
25
20
0
1
16
12
8
4
3
10
30
100
Tj = 25°C
f
= 50 Hz
550
0.7
0
0
0.6
0.5
0.4
0.3
0.1
0.2
0.3
0.4
0.5
0.6
0.2
0.1
0.7
180°
360°
Rectangular
waveform
0.1
0.001
100
0.01
0.1
1
10
100
1000
50
10
30
1
0.3
0.5
3
5
10 mm
10 mm
5 mm
5 mm
´ 5 mm
140
0
0
120
100
80
60
0.1
0.2
0.3
0.4
0.5
0.6
40
20
0.7
5 mm
10 mm
10 mm
5 mm
´ 5 mm
180°
360°
Rectangular
waveform
100V-600V
0.5A
TVR5B THRU TVR5J


Similar Part No. - TVR5J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TVR5J TOSHIBA-TVR5J Datasheet
94Kb / 3P
   TOSHIBA Fast Recovery Diode Silicon Diffused Type
More results

Similar Description - TVR5J

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com