Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2507AQ Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD2507AQ
Description  CD Digital Signal Processor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2507AQ Datasheet(HTML) 5 Page - Sony Corporation

  CXD2507AQ Datasheet HTML 1Page - Sony Corporation CXD2507AQ Datasheet HTML 2Page - Sony Corporation CXD2507AQ Datasheet HTML 3Page - Sony Corporation CXD2507AQ Datasheet HTML 4Page - Sony Corporation CXD2507AQ Datasheet HTML 5Page - Sony Corporation CXD2507AQ Datasheet HTML 6Page - Sony Corporation CXD2507AQ Datasheet HTML 7Page - Sony Corporation CXD2507AQ Datasheet HTML 8Page - Sony Corporation CXD2507AQ Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
– 5 –
CXD2507AQ
Notes)
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
FSTT
C4M
DOUT
EMPH
WFCK
VSS
SCOR
SBSO
EXCK
SQSO
SQCK
MUTE
SENS
XRST
DATA
XLAT
CLOK
SEIN
CNIN
DATO
XLTO
VDD
CLKO
SPOA
SPOB
SPOC
SPOD
XLON
O
O
O
O
O
O
O
I
O
I
I
O
I
I
I
I
I
I
O
O
O
I
I
I
I
O
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
2/3 frequency divider output for Pins 34 and 35.
4.2336MHz output.
Digital Out output.
Outputs high signal when the playback disc has emphasis, low signal when no emphasis.
WFCK output.
GND.
Outputs high signal when either subcode sync S0 or S1 is detected.
Sub P to W serial output.
SBSO readout clock input.
SubQ 80-bit serial output.
SQSO readout clock input.
High: mute; low: release
SENS output to CPU.
System reset. Reset when low.
Serial data input from CPU.
Latch input from CPU. Serial data is latched at the falling edge.
Serial data transfer clock input from CPU.
Sense input from SSP.
Track jump count signal input.
Serial data output to SSP.
Serial data latch output to SSP. Latched at the falling edge.
Power supply (+5V).
Serial data transfer clock output to SSP.
Microcomputer extended interface (input A).
Microcomputer extended interface (input B).
Microcomputer extended interface (input C).
Microcomputer extended interface (input D).
Microcomputer extended interface (output).
Pin
No.
Symbol
I/O
Description
• PCMD is two's complement output of MSB first.
• GTOP is used to monitor the frame sync protection status.
• XUGF is the negative pulse for the frame sync derived from the EFM signal. It is the signal before
sync protection.
• XPLCK is the inverse of the EFM PLL clock. The PLL is designed so that the falling edge and the
EFM signal transition point coincide.
• GFS goes high when the frame sync and the insertion protection timing match.
• RFCK is derived from the crystal accuracy. This signal has a cycle of 136µ.
• C2PO represents the data error status.
• XRAOF is generated when the 16K RAM exceeds the ±4F jitter margin.


Similar Part No. - CXD2507AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2500AQ SONY-CXD2500AQ Datasheet
1Mb / 45P
   CD DIGITAL SIGNAL PROCESSOR
CXD2500AQZ SONY-CXD2500AQZ Datasheet
1Mb / 45P
   CD DIGITAL SIGNAL PROCESSOR
CXD2500BQ SONY-CXD2500BQ Datasheet
670Kb / 48P
   CD Digital Signal Processor
CXD2508AQ SONY-CXD2508AQ Datasheet
858Kb / 49P
   CD Digital Signal Processor
CXD2508AR SONY-CXD2508AR Datasheet
858Kb / 49P
   CD Digital Signal Processor
More results

Similar Description - CXD2507AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2500AQ SONY-CXD2500AQ Datasheet
1Mb / 45P
   CD DIGITAL SIGNAL PROCESSOR
CXD2500BQ SONY-CXD2500BQ Datasheet
670Kb / 48P
   CD Digital Signal Processor
CXD2529Q SONY-CXD2529Q Datasheet
675Kb / 64P
   CD Digital Signal Processor
CXD3009Q SONY-CXD3009Q Datasheet
515Kb / 63P
   CD Digital Signal Processor
CXD2510Q SONY-CXD2510Q Datasheet
743Kb / 48P
   CD Digital Signal Processor
CXD2540Q-2 SONY-CXD2540Q-2 Datasheet
1Mb / 61P
   CD DIGITAL SIGNAL PROCESSOR
CXD2589Q SONY-CXD2589Q Datasheet
794Kb / 61P
   CD Digital Signal Processor
CXD2508AQ SONY-CXD2508AQ Datasheet
858Kb / 49P
   CD Digital Signal Processor
logo
Mitsubishi Electric Sem...
M50423FP MITSUBISHI-M50423FP Datasheet
638Kb / 21P
   CD Player Digital Signal Processor
logo
Hitachi Semiconductor
HD49235FS HITACHI-HD49235FS Datasheet
192Kb / 41P
   Digital Signal Processor for CD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com