Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP87C840NG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TMP87C840NG
Description  TLCS-870 Series
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP87C840NG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TMP87C840NG Datasheet HTML 1Page - Toshiba Semiconductor TMP87C840NG Datasheet HTML 2Page - Toshiba Semiconductor TMP87C840NG Datasheet HTML 3Page - Toshiba Semiconductor TMP87C840NG Datasheet HTML 4Page - Toshiba Semiconductor TMP87C840NG Datasheet HTML 5Page - Toshiba Semiconductor TMP87C840NG Datasheet HTML 6Page - Toshiba Semiconductor TMP87C840NG Datasheet HTML 7Page - Toshiba Semiconductor TMP87C840NG Datasheet HTML 8Page - Toshiba Semiconductor TMP87C840NG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
TMP87C840/C40/H40/K40A/M40A
II
2008-03-06
1. Part number
2. Package code and dimensions
Previous Part Number
(in Body Text)
Previous Package Code
(in Body Text)
New Part Number
New Package Code
OTP
TMP87C840N
SDIP64-P-750-1.78
TMP87C840NG
SDIP64-P-750-1.78
TMP87PH40ANG
TMP87C840F
QFP64-P-1420-1.00A
TMP87C840FG
QFP64-P-1420-1.00A
TMP87PH40AFG
TMP87CC40N
SDIP64-P-750-1.78
TMP87CC40NG
SDIP64-P-750-1.78
TMP87PH40ANG
TMP87CC40F
QFP64-P-1420-1.00A
TMP87CC40FG
QFP64-P-1420-1.00A
TMP87PH40AFG
TMP87CH40N
SDIP64-P-750-1.78
TMP87CH40NG
SDIP64-P-750-1.78
TMP87PH40ANG
TMP87CH40F
QFP64-P-1420-1.00A
TMP87CH40FG
QFP64-P-1420-1.00A
TMP87PH40AFG
TMP87CK40AN
SDIP64-P-750-1.78
TMP87CK40ANG
SDIP64-P-750-1.78
TMP87PM40ANG
TMP87CK40AF
QFP64-P-1420-1.00A
TMP87CK40AFG
QFP64-P-1420-1.00A
TMP87PM40AFG
TMP87CM40AN
SDIP64-P-750-1.78
TMP87CM40ANG
SDIP64-P-750-1.78
TMP87PM40ANG
TMP87CM40AF
QFP64-P-1420-1.00A
TMP87CM40AFG
QFP64-P-1420-1.00A
TMP87PM40AFG
*: For the dimensions of the new package, see the attached Package Dimensions diagram.
3. Addition of notes on lead solderability
The following solderability test is conducted on the new device.
Lead solderability of Pb-free devices (with the G suffix)
Test
Test Conditions
Remark
Solderability
(1) Use of Lead (Pb)
·
solder bath temperature
= 230°C
·
dipping time
= 5 seconds
·
the number of times
= once
·
use of R-type flux
(2) Use of Lead (Pb)-Free
·
solder bath temperature
= 245°C
·
dipping time
= 5 seconds
·
the number of times
= once
·
use of R-type flux
Leads with over 95% solder coverage
till lead forming are acceptable.


Similar Part No. - TMP87C840NG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87C840N TOSHIBA-TMP87C840N Datasheet
625Kb / 11P
   CMOS 8-Bit Microcontroller
More results

Similar Description - TMP87C840NG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87C408NG TOSHIBA-TMP87C408NG Datasheet
4Mb / 91P
   TLCS-870 Series
TMP87PM74FG TOSHIBA-TMP87PM74FG Datasheet
908Kb / 21P
   TLCS-870 Series
TMP87PS68DFG TOSHIBA-TMP87PS68DFG Datasheet
716Kb / 20P
   TLCS-870 Series
TMP87CM23AFG TOSHIBA-TMP87CM23AFG Datasheet
5Mb / 114P
   TLCS-870 Series
TMP87PM14NG TOSHIBA-TMP87PM14NG Datasheet
794Kb / 21P
   TLCS-870 Series
TMP87PM41NG TOSHIBA-TMP87PM41NG Datasheet
770Kb / 22P
   TLCS-870 Series
TMP87CH21CFG TOSHIBA-TMP87CH21CFG Datasheet
5Mb / 118P
   TLCS-870 Series
TMP87CH48DFG TOSHIBA-TMP87CH48DFG Datasheet
7Mb / 142P
   TLCS-870 Series
TMP87P808NG TOSHIBA-TMP87P808NG Datasheet
1Mb / 26P
   TLCS-870 Series
TMP87PH40ANG TOSHIBA-TMP87PH40ANG Datasheet
952Kb / 24P
   TLCS-870 Series
TMP87PH47UG TOSHIBA-TMP87PH47UG Datasheet
1Mb / 29P
   TLCS-870 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com