Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCV7113F Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TCV7113F
Description  Buck DC-DC Converter IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCV7113F Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TCV7113F Datasheet HTML 5Page - Toshiba Semiconductor TCV7113F Datasheet HTML 6Page - Toshiba Semiconductor TCV7113F Datasheet HTML 7Page - Toshiba Semiconductor TCV7113F Datasheet HTML 8Page - Toshiba Semiconductor TCV7113F Datasheet HTML 9Page - Toshiba Semiconductor TCV7113F Datasheet HTML 10Page - Toshiba Semiconductor TCV7113F Datasheet HTML 11Page - Toshiba Semiconductor TCV7113F Datasheet HTML 12Page - Toshiba Semiconductor TCV7113F Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TCV7113F
2012-02-28
9
Thermal Shutdown (TSD)
The TCV7113F provides thermal shutdown. When the junction temperature continues to rise and reaches TSD
= 150°C (typ.), the TCV7113F goes into thermal shutdown and shuts off the power supply. TSD has a hysteresis
of about 15°C (typ.). The device is enabled again when the junction temperature has dropped by approximately
15°C from the TSD trip point. The device resumes the power supply when the soft-start circuit is activated upon
recovery from TSD state.
Thermal shutdown is intended to protect the device against abnormal system conditions. It should be ensured
that the TSD circuit will not be activated during normal operation of the system.
Figure 6 Thermal Shutdown Operation
Usage Precautions
• The input voltage, output voltage, output current and temperature conditions should be considered when
selecting capacitors, inductors and resistors. These components should be evaluated on an actual system
prototype for best selection.
• Parts of this product in the surrounding are examples of the representative, and the supply might become
impossible. Please confirm latest information when using it.
External components such as capacitors, inductors and resistors should be placed as close to the TCV7113F as
possible.
The TCV7113F has an ESD diode between the EN and VIN2 pins. The voltage between these pins should satisfy
VEN − VIN2 < 0.3V.
Add a decoupling capacitor (CC) of 0.1μF to 1μF between the GND and VIN2 pins. To achieve stable operation,
also insert a resistor of about 100
Ω between the VIN2 and VIN1 pins to reduce the ripple voltage at the VIN2 pin.
• The minimum programmable output voltage is 0.8V (typ.). If the difference between the input and output
voltages is small, the output voltage might not be regulated accurately and fluctuate significantly.
• GND pin is connected with the back of IC chip and serves as the heat radiation pin. Secure the area of a GND
pattern as large as possible for greater of heat radiation.
• The overcurrent protection circuits in the Product are designed to temporarily protect Product from minor
overcurrent of brief duration. When the overcurrent protective function in the Product activates, immediately
cease application of overcurrent to Product. Improper usage of Product, such as application of current to Product
exceeding the absolute maximum ratings, could cause the overcurrent protection circuit not to operate properly
and/or damage Product permanently even before the protection circuit starts to operate.
• The thermal shutdown circuits in the Product are designed to temporarily protect Product from minor
overheating of brief duration. When the overheating protective function in the Product activates, immediately
correct the overheating situation. Improper usage of Product, such as the application of heat to Product
exceeding the absolute maximum ratings, could cause the overheating protection circuit not to operate properly
and/or damage Product permanently even before the protection circuit starts to operate.
Soft start
TSD detection
temperature: TSD
GND
Switching operation stops
Recovery from TSD
Switching operation starts
VOUT
0
Tj
Hysteresis:
ΔTSD


Similar Part No. - TCV7113F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCV7100AF TOSHIBA-TCV7100AF Datasheet
476Kb / 17P
   Buck DC-DC Converter IC
TCV7101F TOSHIBA-TCV7101F Datasheet
499Kb / 18P
   Buck DC-DC Converter IC
TCV7103AF TOSHIBA-TCV7103AF Datasheet
493Kb / 17P
   Buck DC-DC Converter IC
TCV7104FN TOSHIBA-TCV7104FN Datasheet
279Kb / 16P
   Buck DC-DC Converter IC
TCV7105F TOSHIBA-TCV7105F Datasheet
467Kb / 16P
   Buck DC-DC Converter IC
More results

Similar Description - TCV7113F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCV7104FN TOSHIBA-TCV7104FN Datasheet
279Kb / 16P
   Buck DC-DC Converter IC
TB7106F TOSHIBA-TB7106F Datasheet
491Kb / 16P
   Buck DC-DC Converter IC
TCV7107F TOSHIBA-TCV7107F Datasheet
559Kb / 17P
   Buck DC-DC Converter IC
TB7101AF TOSHIBA-TB7101AF Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
TCV7100AF TOSHIBA-TCV7100AF Datasheet
476Kb / 17P
   Buck DC-DC Converter IC
TCV7105F TOSHIBA-TCV7105F Datasheet
467Kb / 16P
   Buck DC-DC Converter IC
TCV7106FN TOSHIBA-TCV7106FN Datasheet
380Kb / 17P
   Buck DC-DC Converter IC
TB7102AF TOSHIBA-TB7102AF Datasheet
229Kb / 17P
   Buck DC-DC Converter IC
TB7107FN TOSHIBA-TB7107FN Datasheet
322Kb / 15P
   Buck DC-DC Converter IC
TCV7101F TOSHIBA-TCV7101F Datasheet
499Kb / 18P
   Buck DC-DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com