Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSCDANN060PAUNV Datasheet(PDF) 4 Page - Honeywell Accelerometers

Part # NSCDANN060PAUNV
Description  TruStability짰 Board Mount Pressure Sensors: NSC Series?밬ncompensated/Unamplified
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

NSCDANN060PAUNV Datasheet(HTML) 4 Page - Honeywell Accelerometers

  NSCDANN060PAUNV Datasheet HTML 1Page - Honeywell Accelerometers NSCDANN060PAUNV Datasheet HTML 2Page - Honeywell Accelerometers NSCDANN060PAUNV Datasheet HTML 3Page - Honeywell Accelerometers NSCDANN060PAUNV Datasheet HTML 4Page - Honeywell Accelerometers NSCDANN060PAUNV Datasheet HTML 5Page - Honeywell Accelerometers NSCDANN060PAUNV Datasheet HTML 6Page - Honeywell Accelerometers NSCDANN060PAUNV Datasheet HTML 7Page - Honeywell Accelerometers NSCDANN060PAUNV Datasheet HTML 8Page - Honeywell Accelerometers NSCDANN060PAUNV Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.honeywell.com/sensing
Figure 1. Nomenclature and Order Guide
Series
Package
D = DIP (Dual Inline Pin)
M = SMT (Surface Mount Technology)
S = SIP (Single Inline Pin)
Compensation
N = Uncompensated
Amplification
U = Unamplified
NSC
_
_ _
_ _ _ _ _
N
Supply Voltage
V = Constant
U
Options
N = No special options
AA = Dual axial
barbed ports,
opposite sides
DIP
AN = Single
axial barbed
port
DR = Dual radial
barbed ports,
opposite sides
FF = Fastener
mount, dual axial
barbed ports,
opposite sides
FN = Fastener
mount, single axial
barbed port
HH = Fastener
mount, dual
radial barbed
ports, same side
HN = Fastener
mount, single
radial barbed
port
MN = Manifold
mount, outer
diameter seal
LN = Single
axial barbless
port
NB = Fastener
mount, dual axial
ports, same side
NN = No ports
RN = Single
radial barbed
port
RR = Dual radial
barbed ports,
same side
SN = Manifold
mount, inner
diameter seal
Pressure Port (* indicates not available)
SMT
SIP
AN = Single
axial barbed
port
AN = Single
axial barbed
port
DR = Dual radial
barbed ports,
opposite sides
DR =Dual radial
barbed ports,
opposite sides
LN = Single
axial barbless
port
RN = Single
radial barbed
port
RN = Single
radial barbed
port
RR = Dual radial
barbed ports,
same side
RR = Dual radial
barbed ports,
same side
NN = No ports
NN = No ports
LN = Single
axial barbless
port
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
GN = Ribbed
fastener mount,
single axial
barbed port
V
Pressure Range
9
1 psi to 150 psi
Absolute
015PA = 0 psi to 15 psi
030PA = 0 psi to 30 psi
060PA = 0 psi to 60 psi
100PA = 0 psi to 100 psi
150PA = 0 psi to 150 psi
Differential
001PD = ±1 psi
005PD = ±5 psi
015PD = ±15 psi
030PD = ±30 psi
060PD = ±60 psi
100PD = ±100 psi
150PD = ±150 psi
Gage
001PG = 0 psi to 1 psi
005PG = 0 psi to 5 psi
015PG = 0 psi to 15 psi
030PG = 0 psi to 30 psi
060PG = 0 psi to 60 psi
100PG = 0 psi to 100 psi
150PG = 0 psi to 150 psi
60 mbar to 10 bar
Absolute
001BA = 0 bar to 1 bar
1.6BA = 0 bar to 1.6 bar
2.5BA = 0 bar to 2.5 bar
004BA = 0 bar to 4 bar
006BA = 0 bar to 6 bar
010BA = 0 bar to 10 bar
Differential
060MD = ±60 mbar
100MD = ±100 mbar
160MD = ±160 mbar
250MD = ±250 mbar
400MD = ±400 mbar
600MD = ±600 mbar
001BD = ±1 bar
1.6BD = ±1.6 bar
2.5BD = ±2.5 bar
004BD = ±4 bar
006BD = ±6 bar
010BD = ±10 bar
Gage
060MG = 0 mbar to 60 mbar
100MG = 0 mbar to 100 mbar
160MG = 0 mbar to 160 mbar
250MG = 0 mbar to 250 mbar
400MG = 0 mbar to 400 mbar
600MG = 0 mbar to 600 mbar
001BG = 0 bar to 1 bar
1.6BG = 0 bar to 1.6 bar
2.5BG = 0 bar to 2.5 bar
004BG = 0 bar to 4 bar
006BG = 0 bar to 6 bar
010BG = 0 bar to 10 bar
N
Note:
9.
See Table 5 for an explanation of sensor pressure types.


Similar Part No. - NSCDANN060PAUNV

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NSCDANN060PAUNV HONEYWELL-ACC-NSCDANN060PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
More results

Similar Description - NSCDANN060PAUNV

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NSCDANN150PGUNV HONEYWELL-ACC-NSCDANN150PGUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
NBPLANN030PGUNV HONEYWELL-ACC-NBPLANN030PGUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
NBPDLNN060PAUNV HONEYWELL-ACC-NBPDLNN060PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Honeywell Solid State E...
HSCDRRN010MD2A3 HONEYWELL-HSCDRRN010MD2A3 Datasheet
1Mb / 14P
   TruStability짰 Board Mount Pressure Sensors: HSC Series?밐igh Accuracy
NBPDANN150PAUNV HONEYWELL-NBPDANN150PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
SSCSNBN001BDAA3 HONEYWELL-SSCSNBN001BDAA3 Datasheet
606Kb / 8P
   TruStability짰 HSC Series and SSC Series Board Mount Pressure Sensors, Analog Output
logo
Sensortechnics GmbH
24PC0050D2 SENSORTECHNICS-24PC0050D2 Datasheet
55Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0050DSMT SENSORTECHNICS-24PC0050DSMT Datasheet
181Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0035D2 SENSORTECHNICS-24PC0035D2 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0070DSMT SENSORTECHNICS-24PC0070DSMT Datasheet
241Kb / 4P
   Unamplified, uncompensated pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com